Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 3 Page - Analog Devices

  LTM2985 Datasheet HTML 1Page - Analog Devices LTM2985 Datasheet HTML 2Page - Analog Devices LTM2985 Datasheet HTML 3Page - Analog Devices LTM2985 Datasheet HTML 4Page - Analog Devices LTM2985 Datasheet HTML 5Page - Analog Devices LTM2985 Datasheet HTML 6Page - Analog Devices LTM2985 Datasheet HTML 7Page - Analog Devices LTM2985 Datasheet HTML 8Page - Analog Devices LTM2985 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
LTM2985
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) to GND....................... –0.3V to 6V
VL to GND .................................................... –0.3V to 6V
VCC2 to GND2............................................... –0.3V to 6V
Logic Inputs:
SCK, SDI, CS, SDOE, ON to GND...–0.3V to (VL + 0.3V)
DIN to GND2 ...........................–0.3V to (VCC2 + 0.3V)
Logic Outputs:
DOUT, SDO to GND.....................–0.3V to (VL + 0.3V)
INT to GND2 ...........................–0.3V to (VCC2 + 0.3V)
Analog Input Pins (CH1 to CH10, COM)
to GND2..................................–0.3V to (VCC2 + 0.3V)
Input Current (CH1 to CH10, COM) ...................... ±15mA
VREF to GND2..............................–0.3V to (VCC2 + 0.3V)
Peak Solder Reflow Package Body Temperature..... 245ºC
(Notes 1)
ORDER INFORMATION
BGA PACKAGE
66-LEAD (22mm × 15mm × 3.66mm)
TJMAX = 105°C, θJA = 31.7°C/W, θJC(top) = 16°C/W,
θJC(bottom) = 19.7°C/W,
NOTE: 1) θ VALUES ARE DETERMINED BY SIMULATION PER JESD51
CONDITIONS; 2) θJA VALUE IS OBTAINED WITH DEMO BOARD
TOP VIEW
T
R
S
A
B
C
2
1
4
3
5
6
7
9
10
11
8
SDO
DNC
SDI
SCK
CS SDOE ON
GND
VCC
VL
DOUT
GND
DNC
CH4
GND2
CH3 CH2 CH1
DNC GND2 VCC2
GND2
CH5 COM GND2 CH10
DNC
VREF
GND2
INT
GND2
CH6
DIN
CH7 CH8 CH9
DNC
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2985CY#PBF
SAC305 (RoHS)
LTM2985Y
e1
BGA
4
0°C to 70°C
LTM2985IY#PBF
–40°C to 85°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended BGA PCB Assembly and Manufacturing Procedures.
• BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com