Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM2985 Datasheet HTML 35Page - Analog Devices LTM2985 Datasheet HTML 36Page - Analog Devices LTM2985 Datasheet HTML 37Page - Analog Devices LTM2985 Datasheet HTML 38Page - Analog Devices LTM2985 Datasheet HTML 39Page - Analog Devices LTM2985 Datasheet HTML 40Page - Analog Devices LTM2985 Datasheet HTML 41Page - Analog Devices LTM2985 Datasheet HTML 42Page - Analog Devices LTM2985 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
LTM2985
39
Rev. 0
For more information www.analog.com
Table 40. Channel Assignment Data for 2-Wire RTD #1 (PT-1000, RSENSE on CH6, 2-Wire, Shared RSENSE, 10µA Excitation Current,
α = 0.003916 Curve)
CONFIGURATION
FIELD
DESCRIPTION # BITS BINARY DATA
MEMORY
ADDRESS 0x21C
MEMORY
ADDRESS 0x21D
MEMORY
ADDRESS 0x21E
MEMORY
ADDRESS 0x21F
(1) RTD TYPE
PT-1000
5
01111 0 1 1 1 1
(2) Sense Resistor
Channel Pointer
CH6
5
00110
0 0 1 1 0
(3) Sensor
Configuration
2-Wire with
Shared RSENSE
4
0001
0 0 0 1
(4) Excitation
Current
10µA
4
0010
0 0 1 0
(5) Curve
Japanese,
α = 0.003916
2
10
1 0
(6) Custom RTD
Data Pointer
Not Custom
12
000000000000
0 0 0 0 0 0 0 0 0 0 0 0
Figure 12. Shared 2-Wire RTD Example
RSENSE
5001.5
0.01µF
2985 F12
0.01µF
SENSE RESISTOR ASSIGNED TO CH6 (CHRSENSE=6)
RTD #1 ASSIGNED TO CH8 (CHRTD=8)
RTD #2 ASSIGNED TO CH10 (CHRTD=10)
CH10
CH9
CH6
CH5
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x214 TO 0x217
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x21C TO 0x21F
RESULT MEMORY LOCATIONS 0x02C TO 0x02F
CHANNEL ASSIGNMENT
MEMORY LOCATIONS 0x224 TO 0x227
RESULT MEMORY LOCATIONS 0x034 TO 0x037
0.01µF
0.01µF
CH7
CH8
0.01µF
0.01µF
2-WIRE PT-1000
2-WIRE NI-120
2
1
2
1
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com