Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM2985 Datasheet HTML 16Page - Analog Devices LTM2985 Datasheet HTML 17Page - Analog Devices LTM2985 Datasheet HTML 18Page - Analog Devices LTM2985 Datasheet HTML 19Page - Analog Devices LTM2985 Datasheet HTML 20Page - Analog Devices LTM2985 Datasheet HTML 21Page - Analog Devices LTM2985 Datasheet HTML 22Page - Analog Devices LTM2985 Datasheet HTML 23Page - Analog Devices LTM2985 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 90 page
background image
LTM2985
20
Rev. 0
For more information www.analog.com
The channel assignment data contains all the necessary
information associated with the specific sensor tied to
that channel (see Table 4). The first five bits determine the
sensor type (see Table 5). Associated with each sensor
are sensor specific configurations. These include point-
ers to cold junction or sense resistor channels, pointers
to memory locations of custom linearization data, sense
resistor values and diode ideality factors. Also included
in this data are, if applicable, the excitation current level,
single-ended/differential input mode, as well as sensor
specific controls. Separate detailed operation sections for
thermocouples, RTDs, diodes, thermistors, analog tem-
perature sensors and sense resistors describe the assign-
ment data associated with each sensor type in more detail.
The LTM2985 demonstration software includes a utility
for checking configuration data and generating annotated
C-code for programming the channel assignment data.
Table 4. Channel Assignment Data
SENSOR TYPE
SENSOR SPECIFIC CONFIGURATION
Channel
Assignment
Memory Location
Configuration Data
Start Address
Configuration Data
Start Address + 1
Configuration Data
Start Address + 2
Configuration Data
Start Address + 3
31 30 29 28 27 26
25
24 23 22 21
20
19
18
17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Unassigned
(Default)
Type = 0
Channel Disabled
Thermocouple
Type = 1 to 9
Cold Junction Channel
Assignment [4:0]
SGL=1
DIFF=0
OC
Check
OC Current
[1:0]
0 0 0 0 0
0
Custom
Address [5:0]
Custom
Length – 1 [5:0]
RTD
Type = 10 to 18 RSENSE Channel Assignment
[4:0]
2, 3, 4 Wire
Excitation
Mode
Excitation
Current [3:0]
Curve
[1:0]
Custom
Address [5:0]
Custom
Length – 1 [5:0]
Thermistor
Type = 19 to 27 RSENSE Channel Assignment
[4:0]
SGL=1
DIFF=0
Excitation
Mode
Excitation Current
[3:0]
0 0
0
Custom
Address [5:0]
Custom
Length – 1 [5:0]
Diode
Type = 28
SGL=1
DIFF=0
2 to 3
Reading
Avg
on
Current
[1:0]
Ideality Factor (2, 20) Value from 0 to 4 with 1/1048576 Resolution
All Zeros Use Factory Set Default in ROM
Sense Resistor
Type = 29
Sense Resistor Value (17, 10) Up to 131,072Ω with 1/1024Ω Resolution
Direct ADC
Type = 30
SGL=1
DIFF=0
Table
Mode
Not Used
Custom
Address [5:0]
Custom
Length – 1 [5:0]
Active Analog
Temperature
Sensor
Type = 31
SGL=1
DIFF=0
Not Used
Custom
Address [5:0]
Custom
Length – 1 [5:0]
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com