Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM2985 Datasheet HTML 20Page - Analog Devices LTM2985 Datasheet HTML 21Page - Analog Devices LTM2985 Datasheet HTML 22Page - Analog Devices LTM2985 Datasheet HTML 23Page - Analog Devices LTM2985 Datasheet HTML 24Page - Analog Devices LTM2985 Datasheet HTML 25Page - Analog Devices LTM2985 Datasheet HTML 26Page - Analog Devices LTM2985 Datasheet HTML 27Page - Analog Devices LTM2985 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
LTM2985
24
Rev. 0
For more information www.analog.com
EEPROM OVERVIEW
The LTM2985 contains 512 bytes of EEPROM, which
shadowstheuppersensorconfigurationsegmentofUSER
RAM (locations 0x200–0x3CF, see Figure 4). Prior to initial
usage, the user programs the USER RAM with all channel
assignment and custom sensor data. Once the USER RAM
has been programmed, the user can save this segment of
memory into the EEPROM. After subsequent power down
orsleepcycles,theusercanreloadtheUSERRAMwiththis
stored EEPROM data bypassing the channel assignment
and customer sensor programming normally required.
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
Figure 4. Shadow EEPROM Memory Map
BYTE
ADDRESS
0000
01FF
0200
03CF
03DO
03FF
LTM2985 SPI
ADDRESS SPACE
USER COMMAND
REGISTERS,
RESULTS DATA,
GLOBAL CONFIGURATION
AND STATUS
SENSOR CONFIGURATION
MEMORY SEGMENT
(CHANNEL ASSIGNMENT
AND
CUSTOM SENSOR DATA)
COMMAND 21
(0x15)
COMMAND 22
(0x16)
EEPROM
SHADOW
RESERVED
RESERVED*
*NOTE: 03D0–03FF IS RESERVED
AND IS NOT SHADOWED BY EEPROM
2985 F04
Figure 5. EEPROM Write Operation
EEPROM WRITE OPERATION
The EEPROM write operation requires 5 states (see Figure 5).
1. Sensor Configuration. Write all desired channel as-
signment and custom sensor data to the LTM2985
USER RAM.
2. Set EEPROM Key. Write the EEPROM Key
(0xA53C0F5A) to the key register space of the
LTM2985 USER RAM (Address range 0x0B0–0x0B3,
see Table 11). Note the key is written MSB first.
3. SendEEPROMWriteCommand.WritetheEEPROMwrite
command (0x15) and start bit (0x80) to the LTM2985
commandregister(Address0x000).Thecommandplus
start bit is 0x80 + 0x15 = 0x95 (see Table 12).
4. WaitforEEPROMCommandtoComplete.Completion
of the write operation is indicated by both the INT pin
going HIGH and the status register START bit going
LOW and DONE bit going HIGH.
5. CheckEEPROMStatusRegister.ReadEEPROMStatus
register (Address 0x0F9) and checks the Program-
Failed status bit (Bit 2) to determine whether the EE-
PROM write operation was successful (see Table 13).
The Program-Failed status bit being set indicates that
the write operation failed.
Upon successful completion of steps 1–5, the EEPROM
will now contain the image that was present in USER RAM
locations 0x200–0x3CF.
EEPROM READ/WRITE VALIDATION
Access to the EEPROM is key-protected to prevent inad-
vertent access. The EEPROM also has two levels of data
integrity protection. The first level is implemented using
an error correcting code (ECC) on each 32-bit word of
data in the EEPROM. The ECC is capable of correcting
any single bit error per word and detecting 2-bit errors
per word. The second level of protection is implemented
using a 32-bit checksum, which covers the entire contents
of user EEPROM. Status bits are available to the user for
reporting ECC status and checksum error conditions.
2985 F05
WRITE EEPROM KEY
TO LTM2985
CHECK EEPROM
STATUS REGISTER
DONE
USER DEFINED
EEPROM
ERROR HANDLER
SEND EEPROM WRITE COMMAND
(COMMAND 21)
WAIT FOR EEPROM
COMMAND TO COMPLETE
LTM2985
READY
WRITE CHANNEL ASSIGNMENT
AND CUSTOM SENSOR DATA
TO LTM2985
ELSE
PROGRAM FAILED
STATUS BIT SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com