Electronic Components Datasheet Search
  English  ▼

X  

LTM2985 Datasheet(PDF) 80 Page - Analog Devices

Part # LTM2985
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2985 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTM2985 Datasheet HTML 76Page - Analog Devices LTM2985 Datasheet HTML 77Page - Analog Devices LTM2985 Datasheet HTML 78Page - Analog Devices LTM2985 Datasheet HTML 79Page - Analog Devices LTM2985 Datasheet HTML 80Page - Analog Devices LTM2985 Datasheet HTML 81Page - Analog Devices LTM2985 Datasheet HTML 82Page - Analog Devices LTM2985 Datasheet HTML 83Page - Analog Devices LTM2985 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
LTM2985
80
Rev. 0
For more information www.analog.com
In order to simplify the temperature field, temperature
valuesareinputinKelvinasanunsignedvalue,butthefinal
temperatures reported by the LTM2985 are reported in °C
or °F (see Table 9A and Table 9B). The sensor temperature
(Kelvin), follows the convention shown in Table 89, where
the first 14 bits are the integer part and the remaining 10
bits are the fractional part.
Inthisexample,acustomthermocoupletiedtoCH1,witha
coldjunctionsensoronCH2,isprogrammedwiththechan-
CUSTOM THERMOCOUPLES
Table 89. Example Thermocouple Temperature Values
BYTE 3
BYTE 4
BYTE 5
B23 B22 B21 B20 B19 B18 B17 B16 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
Temperature 213 212 211 210 29
28
27
26
25
24
23
22
21
20 2–1 2–2 2–3 2–4 2–5 2–6 2–7 2–8 2–9 2–10
0 0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
99.1 0
0
0
0
0
0
0
1
1
0
0
0
1
1
0
0
0
1
1
0
0
1
1
0
135.4 0
0
0
0
0
0
1
0
0
0
0
1
1
1
0
1
1
0
0
1
1
0
0
1
273.15 0
0
0
0
0
1
0
0
0
1
0
0
0
1
0
0
1
0
0
1
1
0
0
1
361.2 0
0
0
0
0
1
0
1
1
0
1
0
0
1
0
0
1
1
0
0
1
1
0
0
522.1 0
0
0
0
1
0
0
0
0
0
1
0
1
0
0
0
0
1
1
0
0
1
1
0
720.3 0
0
0
0
1
0
1
1
0
1
0
0
0
0
0
1
0
0
1
1
0
0
1
1
811.2 0
0
0
0
1
1
0
0
1
0
1
0
1
1
0
0
1
1
0
0
1
1
0
0
922.5 0
0
0
0
1
1
1
0
0
1
1
0
1
0
1
0
0
0
0
0
0
0
0
0
1000 0
0
0
0
1
1
1
1
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 90. Custom Thermocouple Channel Assignment Data
CONFIGURATION
FIELD
DESCRIPTION # BITS
BINARY
DATA
MEMORY
ADDRESS 0x200
MEMORY
ADDRESS 0x201
MEMORY
ADDRESS 0x202
MEMORY
ADDRESS 0x203
(1) Thermocouple
Type
Type Custom
5
01001 0 1 0 0 1
(2) Cold Junction
Channel Pointer
CH2
5
00010
0 0 0 1 0
(3) Sensor
Configuration
Single-Ended,
10µA Open Circuit
4
1100
1 1 0 0
Not Used
Set These Bits to 0
6
000000
0 0 0 0 0 0
(4) Custom
Thermocouple Data
Pointer
Start Address = 0
(Start at 0x250)
6
000000
0 0 0 0 0 0
(5) Custom
Thermocouple Data
Length-1
Data Length –1
= 9
(10 Paired Entries)
6
001001
0 0 1 0 0 1
nel assignment data shown in Table 90 (refer to Figure 9
for similar format). In this case the custom data begins at
memory location 0x250 (starting address is 0). The start-
ing address (offset from 0x250) is entered in the custom
thermocouple data pointer field of the channel assignment
data. The table data length –1 (9 in this example) is entered
into the custom thermocouple data length field of the
thermocouplechannelassignmentword.RefertoTable 87
where the number of six byte entries is 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com