Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4622
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 4 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4663
4
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs TEC Current at
VIN = 3.3V and 5V in Cooling
Mode with 2Ω Load
Efficiency vs TEC Current at
VIN = 3.3V and 5V in Heating
Mode with 2Ω Load
Efficiency vs TEC Current at
VIN = 3.3V with Different Loads in
Cooling Mode
Efficiency vs TEC Current at
VIN = 3.3V with Different Loads in
Heating Mode
Thermal Stability over Ambient
Temperature at VIN = 3.3V,
TSET = 1 V
Thermal Stability over Ambient
Temperature at VIN = 3.3V,
TSET = 1.5 V
ITEC Current Reading Error vs TEC
Current in Cooling Mode
ITEC Current Reading Error vs TEC
Current in Heating Mode
VTEC Voltage Reading Error vs
TEC Voltage in Cooling Mode
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
TEC CURRENT (A)
4663 G01
VIN = 3.3V
VIN = 5V
0
10
20
30
40
50
60
70
80
90
100
0
–0.5
–1.0
–1.5
TEC CURRENT (A)
4663 G02
VIN = 3.3V
VIN = 5V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
TEC CURRENT (A)
4663 G03
LOAD = 2
LOAD = 3
LOAD = 4
LOAD = 5
0
10
20
30
40
50
60
70
80
90
100
0
–1.5
TEC CURRENT (A)
–0.5
–1.0
LOAD = 2
LOAD = 3
LOAD = 4
LOAD = 5
4663 G04
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0 20 40 60 80 100 120 140 160 180 200
TIME (Seconds)
4663 G05
T = 15°C
T = 25°C
T = 35°C
T = 45°C
T = 55°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0 20 40 60 80 100 120 140 160 180 200
TIME (Seconds)
T = 15°C
T = 25°C
T = 35°C
T = 45°C
T = 55°C
4663 G06
–20
–15
–10
–5
0
5
10
15
20
0
0.5
1.0
1.5
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
4663 G07
–20
–15
–10
–5
0
5
10
15
20
–1.5
–1.0
–0.5
0
TEC CURRENT (A)
VIN = 3.3V
VIN = 5V
4663 G08
–20
–15
–10
–5
0
5
10
15
20
0.5
1.0
1.5
2.0
2.5
TEC VOLTAGE (V)
VIN = 3.3V
VIN = 5V
4663 G09
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com