Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4622
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 2 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4663
2
Rev. A
For more information www.analog.com
PART NUMBER
PAD FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4663EV#PBF
Au (RoHS)
4663V
v
LGA
3
–40°C to 125°C
LTM4663IV#PBF
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA Assembly and Manufacturing Procedures
• LGA Package and Tray Drawings
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN............................................... –0.3V to 5.75V
VLDR, VPWM .............................................. –0.3V to PVIN
TFB, TSET, PAMPN, SFB,
VLIM/SD, ILIM, EN/SY ................................ –0.3V to SVIN
TAMPOUT, PAMPOUT, ITEC, VTEC ........... –0.3V to 5.75V
VREF ............................................................. –0.3V to 3V
Operating Junction Temperature
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
A
B
C
D
E
1
GNDP
SW
PVIN
VLDR
GNDL
VPWM
SW
PVIN
VLDR
GNDL
SFB
VTEC
ITEC
TFB TAMPOUT
GNDA
EN/SY PAMPOUT PAMPN
NC
VREF
SVIN
ILIM
VLIM/SD
TSET
5
4
3
LGA PACKAGE
25-LEAD (3.5mm × 4mm × 1.3mm)
2
TOP VIEW
NOTES:
1) θJC VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS.
2) θJA VALUE IS OBTAINED WITH DEMO BOARD.
3) REFER TO PAGES 16, 17 FOR LAB MEASUREMENT AND DE-RATING INFORMATION.
TJMAX = 125°C, θJCtop = 34°C/W ,
θJCbottom = 12°C/W, θJA = 36°C/W
WEIGHT = 60mg
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PVIN
Power Input Voltage
l
2.7
5.5
V
SVIN
Signal Input Voltage
l
2.7
5.5
V
IQ(SVIN)
Input Supply Bias Current
PWM Not Switching
Shutdown, EN/SY = GND
3.8
480
5.5
700
mA
µA
UVLO
Undervoltage Lockout
SVIN Rising
2.45
2.55
2.65
V
UVLO_HYS
UVLO Hysteresis
80
mV
VREF
Reference Voltage
2.475
2.5
2.525
V
VTEC
Max TEC Differential Voltage
No Load
l
93% • PVIN
V
ITEC
Max TEC Current
l
1.5
A
ISFB
SFB Bias Current
(Note 3)
1
µA
tSS
Soft-Start Time
150
ms
VLIM/SD
Shutdown Voltage Threshold
0.07
V
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), PVIN = SVIN = 5V, per the typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com