Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4622
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4663
8
Rev. A
For more information www.analog.com
THEORY OF OPERATION
The LTM4663 has two half-bridge type power stages, a
PWM switching mode regulator and a linear power stage,
to allow current flow in or out of the TEC device connected
in between (see Figure 2).
The object temperature is measured from an external
thermal sensor. The sensed temperature (voltage) is fed
back to the LTM4663 at TFB pin to complete a closed
thermal control loop. The thermistor input amplifier gains
the thermistor sensed voltage, then outputs to the PID
compensation amplifier. The PID compensation amplifier
then compensates a feedback loop response to drive both
the PWM switching mode regulator and the linear power
stage to drive the TEC to heat up or cool down the object.
OPERATION
The LTM4663 is a complete Thermoelectric Cooler (TEC)
µModule regulator that sets, stabilizes and monitors
TEC temperature. It can deliver up to 1.5A of sinking or
sourcing current with external input and output capac-
itors. Operating over 2.7V to 5.5V input voltage range,
the LTM4663 controls an internal FET H-bridge whereby
the direction of the current fed through the TEC can be
either positive (for cooling mode), or negative (for heating
mode).
The LTM4663 has two self-correcting, auto-zeroing
amplifiers(Chopper 1 and Chopper 2) to linearize the
thermal sensor input and to form an analog temperature
feedback control loop. With the zero drift chopper ampli-
fiers, extremely good long-term temperature stability is
maintained via an autonomous temperature control loop.
See Figure 18 for an overview of how to configure the
analog PID control, while see Figure 19 for configuring
the digital PID control.
The LTM4663 can also be configured for use in a soft-
ware controlled PID loop. In this scenario, the Chopper 1
amplifier can configure as a thermistor input amplifier
connected to an external temperature measurement ana-
log-to-digital converter (ADC). The Chopper 2 amplifier
is used as a buffer for the external digital-to-analog con-
verter (DAC), which controls the temperature setpoint.
Connect the DAC to TSET and short the PAMPN and
PAMPOUT pins together. See Figure 19 for an overview
of how to configure the LTM4463 external circuitry for
digital PID control.
To provide good efficiency and small solution size, the
LTM4663 utilizes a PWM switching mode power supply
on one side of the H-bridge while a linear power stage on
the other side. A default 2MHz switching frequency and a
10µF capacitor maintains less than 1% of the worst-case
output voltage ripple across the TEC.
The maximum voltage across the TEC and the current
flowing through the TEC are set by using the VLIM/SD and
ILIM pins. The maximum cooling and heating currents can
be set independently to allow asymmetric cooling and
heating limits. The real time TEC voltage and current can
be monitored using VTEC and ITEC pins.
APPLICATIONS INFORMATION
INPUT AND OUTPUT DECOUPLING CAPACITORS
Benefiting from the unique topology and the 2MHz
default switching frequency, only one ceramic capacitor
is required at the input and output of the PWM switch-
ing regulator to maintain less than 1% of the worst-case
output voltage ripple across the TEC. Additional output
filtering may be required by the system designer if further
reduction of output ripples or dynamic transient spikes
is required.
ENABLE AND SHUTDOWN
To enable the LTM4663, apply a logic high voltage to the
EN/SY pin while the voltage at the VLIM/SD pin is above the
maximum shutdown threshold of 0.07V. If either the EN/
SY pin voltage is set to logic low or the VLIM/SD voltage is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com