Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4622
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 3 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4663
3
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4663 is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4663E is guaranteed to meet performance
specifications over the 0°C to 125°C internal operating temperature
range. Specifications over the full –40°C to 125°C internal operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4663I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: 100% tested at wafer level.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQ
Oscillator Frequency
2.0
MHz
SYNC
External Sync Frequency Range
1.85
3.25
MHz
VEN/SY Low
EN/SY Input Voltage Low Level
0.8
V
VEN/SY High
EN/SY Input Voltage High Level
2.1
V
Error Amp
VCM
Input Voltage Range
(Note 3)
0
SVIN
V
VOS
Input Offset Voltage
(Note 3)
10
100
µV
CMRR
Common Mode Rejection Ratio
(Note 3)
120
dB
TEC Current Limit
VILIM
ILIM Input Range
Cooling
Heating
1.3
0.2
VREF – 0.2
1.2
V
V
IILIM
Current Limit Threshold
Cooling VILIM = 1.3V
VILIM = 1.8V
Heating VILIM = 1.2V
VILIM = 0.7V
220
1125
220
1125
300
1260
300
1260
360
1375
360
1375
mA
mA
mA
mA
TEC Voltage Limit
VVLIM
VLIM Input Range
0.2
SVIN/2
V
AVLIM
Voltage Limit Gain
(VLDR – VSFB)/VVLIM
2
V/V
TEC Current Measurement
RCS
Current Sense Gain
VIN = 5V
0.535
V/A
VITEC
TEC Current Measurement
Heating ILOAD = −1.5A
Heating ILOAD = −0.5A
Cooling ILOAD = 0.5A
Cooling ILOAD = 1.5A
0.45
0.98
1.52
2.05
V
V
V
V
TEC Voltage Measurement
AVTEC
Voltage Sense Gain
0.25
V/V
VVTEC
TEC Voltage Measurement
TEC = 4.8V,VLIM = 2.5V
TEC = 2.4V,VLIM = 2.5V
TEC = 0V,VLIM = 2.5V
TEC = −2.4V,VLIM = 2.5V
TEC = −4.8V,VLIM = 2.5V
2.45
1.85
1.25
0.625
0.05
V
V
V
V
V
VVTEC_RANGE VTEC Output Range
0.005
2.625
V
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), PVIN = SVIN = 5V, per the typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com