Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4622
Description  Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices LTM4622 Datasheet HTML 13Page - Analog Devices LTM4622 Datasheet HTML 14Page - Analog Devices LTM4622 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4663
11
Rev. A
For more information www.analog.com
4663 F05
ILIM
VREF
VREF
COOLING
RCB
RCT
249k
SW OPEN = ILIM_HEAT
SW CLOSED = ILIM_COOL
TEC CURRENT
LIMIT
VDD
40µA
ITEC
Figure 5. TEC Current Limit Setting
APPLICATIONS INFORMATION
MAXIMUM TEC CURRENT LIMIT
The maximum current of the TEC driver in the LTM4663
can be programmed individually by applying a resistor
divider RCT/RCB between VREF and GNDA.
As shown in Figure 5, the internal current sink circuitry
connected to ILIM draws a 40µA current when the LTM4663
drives the TEC in a cooling direction, which allows a high
cooling current. The current sink is not active when the
TEC is driven in a heating direction.
Table 3. Example of Typical TEC Current Limit Setting
TOP RESISTOR RCT
(kΩ)
BOTTOM RESISTOR RCB
(kΩ)
TEC CURRENT LIMIT
(COOLING MODE)
(A)
TEC CURRENT LIMIT
(HEATING MODE)
(A)
OPEN
49.9
1.5
–1.5
316
43.2
1.2
–1.2
140
37.4
1
–1
63.4
28
0.7
–0.7
38.3
21.5
0.5
–0.5
The maximum TEC current limit in the heating mode can
be calculated as:
ILIM_HEAT =
1.25V – 2.5V •
RCB
RCT / /249k+RCB
0.535
The maximum TEC current limit in the cooling mode can
be calculated as:
ILIM_COOL =
2.5V •
RCB
RCT / /249k+RCB
+ 40µA •
RCT / /249k •RCB
RCT / /249k+RCB
–1.25V
0.535
See Table  3 for the list of Typical TEC Current Limit
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com