Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices LTM4643 Datasheet HTML 10Page - Analog Devices LTM4643 Datasheet HTML 11Page - Analog Devices LTM4643 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4705
8
Rev. 0
For more information www.analog.com
OPERATION
APPLICATIONS INFORMATION
The LTM4705 is a dual output standalone nonisolated
switch mode DC/DC power supply. It can deliver two 5A
DC outputs with few external input and output ceramic
capacitors. This module provides dual precisely regulated
output voltages programmable via two external resistors
from 0.6V to 5.5V over 3.1V to 20V input voltage range.
Both channels share the same clock and run 180° out
of phase. The typical application schematic is shown
in Figure 23.
The LTM4705 contains an integrated controlled on-time
valley current mode regulator, power MOSFETs, inductor
and other supporting discrete components. The default
switching frequency is 1MHz. For output voltages between
2.5V and 5V, an external resistor is required between
FREQ and GND pins to set the operating frequency to
higher frequency to optimize inductor current ripple. For
switching noise-sensitive applications, the µModule can
be externally synchronized to a clock. See the Applications
Information section.
With current mode control and internal feedback loop
compensation, the LTM4705 module has sufficient sta-
bility margins and good transient performance with a
wide range of output capacitors, even with all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limiting. An internal overvoltage and undervoltage com-
parators pull the open-drain PGOOD output low if the out-
put feedback voltage exits a ±8% window around the regu-
lation point. Furthermore, the input overvoltage protection
will be activated by shutting down both power MOSFETs
when VIN rises above 22.5V to protect internal devices.
Multiphase operation can be easily employed by con-
necting the SYNC pin to an external oscillator. Multiple
LTM4705s can be paralleled to run simultaneously with
good current sharing guaranteed by the current mode
control loop.
Pulling the RUN pin below 1V forces the controller into
its shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load currents,
burst mode operation can be enabled to achieve higher
efficiency compared to continuous current mode (CCM)
by setting MODE pin to INTVCC. The TRACK/SS pin is used
for power supply tracking and soft-start programming.
See the Applications Information section.
The typical LTM4705 application circuit is shown in
Figure 23. External component selection is primarily deter-
mined by the input voltage, the output voltage and the
maximum load current. Refer to Table 8 for specific exter-
nal capacitor requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step
down ratio that can be achieved for a given input voltage due
to the minimum off-time and minimum on-time limits of the
regulator. The minimum off-time limit imposes a maximum
duty cycle which can be calculated by Equation 1.
DMAX = 1 – tOFF(MIN) • fSW
(1)
where tOFF(MIN) is the minimum off-time, 100ns typical for
LTM4705, and fSW is the switching frequency. Conversely
the minimum on-time limit imposes a minimum duty cycle
of the converter which can be calculated by Equation 2.
DMIN = tON(MIN) • fSW
(2)
where tON(MIN) is the minimum on-time, 30ns typical for
LTM4705. In the rare cases where the minimum duty
cycle is surpassed, the output voltage will still remain
in regulation, but the switching frequency will decrease
from its programmed value. Note that additional thermal
derating may be applied. See the Thermal Considerations
and Output Current Derating section in this data sheet.
Output Voltage Programming
The PWM controller has an internal 0.6V reference volt-
age. As shown in the Block Diagram, a 60.4k 0.5% internal
feedback resistor connects VOUT and FB pins together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com