Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices LTM4643 Datasheet HTML 21Page - Analog Devices LTM4643 Datasheet HTML 22Page - Analog Devices LTM4643 Datasheet HTML 23Page - Analog Devices LTM4643 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM4705
20
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 23. 3.1VIN to 20VIN, 1V and 1.5V Output at 5A Design
Figure 24. 3.1VIN to 20VIN, 1.2V Two Phase in Parallel 10A Design
0.1µF
0.1µF
90.9k
4705 F23
22µF
VIN
3.1V TO 20V
VOUT1
1V, 5A
100µF
VOUT1
VOUT2
1.5V, 5A
100µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
40.2k
FB2
100pF
100pF
30.2k
4705 F24
44µF
VIN
3.1V TO 20V
VOUT1
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
FB2
0.1µF
PGOOD
VOUT
1.2V, 10A
200µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com