Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices LTM4643 Datasheet HTML 10Page - Analog Devices LTM4643 Datasheet HTML 11Page - Analog Devices LTM4643 Datasheet HTML 12Page - Analog Devices LTM4643 Datasheet HTML 13Page - Analog Devices LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4705
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Following Equation 9, the master’s output slew rate (MR)
and the slave’s output slew rate (SR) in Volts/Time is
determined by Equation 10.
MR
SR
=
RFB(SL)
RFB(SL) +60.4k
RTR(BOT)
RTR(TOP) +RTR(BOT)
(10)
For example, VOUT(MA) = 1.5V, MR = 1.5V/1ms and
VOUT(SL) = 1.2V, SR = 1.2V/1ms as shown in Figure 5.
From the equation, we could solve out that RTR(TOP) =
60.4k and RTR(BOT) = 40.2k is a good combination for the
Ratiometric tracking.
Figure 4. Output Ratiometric Tracking Waveform
Figure 6. Output Coincident Tracking Waveform
Figure 5. Example Schematic of Ratiometric
Output Voltage Tracking
TIME
SLAVE OUTPUT
MASTER OUTPUT
4705 F04
TIME
MASTER OUTPUT
SLAVE OUTPUT
4705 F06
0.1µF
40.2k
60.4k
VOUT1
40.2k
4705 F05
22µF
25V
VIN
3.1V TO 20V
VOUT1
1.5V, 5A
100µF
VOUT1
VOUT2
1.2V, 5A
100µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
60.4k
FB2
The TRACK pins will have the 1.5µA current source on
when a resistive divider is used to implement tracking on
that specific channel. This will impose an offset on the
TRACK pin input. Smaller value resistors with the same
ratios as the resistor values calculated from the above
equation can be used. For example, where the 60.4k is
used then a 6.04k can be used to reduce the TRACK pin
offset to a negligible value.
The Coincident output tracking can be recognized as a
special Ratiometric output tracking which the master’s
output slew rate (MR) is the same as the slave’s output
slew rate (SR), as waveform shown in Figure 6.
From Equation 10, we could easily find out that, in the
Coincident tracking, the slave regulator’s TRACK/SS pin
resistor divider is always the same as its feedback divider
(Equation 11).
RFB(SL)
RFB(SL) +60.4k
=
RTR(BOT)
RTR(TOP) +RTR(BOT)
(11)
For example, RTR(TOP) = 60.4k and RTR(BOT) = 60.4k is a
good combination for Coincident tracking for VOUT(MA) =
1.5V and VOUT(SL) = 1.2V application.
Power Good
The PGOOD pins are open drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a ±8% window around the regulation point. A resistor can
be pulled up to a particular supply voltage for monitoring.
To prevent unwanted PGOOD glitches during transients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com