Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 12Page - Analog Devices LTM4643 Datasheet HTML 13Page - Analog Devices LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4705
16
Rev. 0
For more information www.analog.com
AMBIENT TEMPERATURE (˚C)
40
12
10
6
8
4
2
0
80
90
4705 F16
50
60
70
100 110 120
0LFM
200LFM
AMBIENT TEMPERATURE (˚C)
40
12
10
6
8
4
2
0
80
90
4705 F15
50
60
70
100 110 120
0LFM
200LFM
AMBIENT TEMPERATURE (˚C)
40
12
10
6
8
4
2
0
80
90
4705 F14
50
60
70
100 110 120
0LFM
200LFM
AMBIENT TEMPERATURE (˚C)
40
12
10
6
8
4
2
0
80
90
4705 F13
50
60
70
100 110 120
0LFM
200LFM
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4705 F12
12VIN
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4705 F11
5VIN
12VIN
APPLICATIONS INFORMATION
Figure 11. 3.3V Output Power Loss
Figure 12. 5V Output Power Loss
Figure 13. 5V to 1.0V Derating
Curve, No Heat Sink
Figure 14. 12V to 1.0V Derating
Curve, No Heat Sink
Figure 15. 5V to 1.5V Derating
Curve, No Heat Sink
Figure 16. 12V to 1.5V Derating
Curve, No Heat Sink
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4705 F10
5VIN
12VIN
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4705 F09
5VIN
12VIN
Figure 8. 1.0V Output Power Loss
Figure 9. 1.5V Output Power Loss
Figure 10. 2.5V Output Power Loss
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4705 F08
5VIN
12VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com