Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 14Page - Analog Devices LTM4643 Datasheet HTML 15Page - Analog Devices LTM4643 Datasheet HTML 16Page - Analog Devices LTM4643 Datasheet HTML 17Page - Analog Devices LTM4643 Datasheet HTML 18Page - Analog Devices LTM4643 Datasheet HTML 19Page - Analog Devices LTM4643 Datasheet HTML 20Page - Analog Devices LTM4643 Datasheet HTML 21Page - Analog Devices LTM4643 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4705
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 5. 2.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figure 17, Figure 18
5, 12
Figure 10
0
None
17
Figure 17, Figure 18
5, 12
Figure 10
200
None
14
Table 6. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figure 19, Figure 20
5, 12
Figure 11
0
None
17
Figure 19, Figure 20
5, 12
Figure 11
200
None
14
Table 7. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA(°C/W)
Figure 21
12
Figure 12
0
None
17
Figure 21
12
Figure 12
200
None
14
Table 8. Output Voltage Response for Each Regulator Channel vs Component Matrix (Refer to Figure 23)
1.25A Load Step Typical Measured Values
VOUT (V)
CIN
(CERAMIC)
(μF)
COUT1
(CERAMIC)
(μF)
CFF (pF)
VIN
(V)
P-P
DERIVATION
(mV)
RECOVERY
TIME
(μS)
LOAD STEP
(A)
LOAD STEP
SLEW RATE
(A/μS)
RFB
(kΩ)
1
22
100
100
5, 12
60
50
2.5
10
90.9
1.2
22
100
100
5, 12
60
50
2.5
10
60.4
1.5
22
100
100
5, 12
60
50
2.5
10
40.2
1.8
22
100
100
5, 12
60
50
2.5
10
30.1
2.5
22
100
100
5, 12
68
50
2.5
10
19.1
3.3
22
100
100
5, 12
90
50
2.5
10
13.3
5
22
100
100
12
133
50
2.5
10
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com