Electronic Components Datasheet Search
  English  ▼

X  

LTM4643 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4643
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices LTM4643 Datasheet HTML 10Page - Analog Devices LTM4643 Datasheet HTML 11Page - Analog Devices LTM4643 Datasheet HTML 12Page - Analog Devices LTM4643 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4705
9
Rev. 0
For more information www.analog.com
Adding a resistor RFB from FB pin to GND programs the
output voltage (Equation 3).
RFB =
0.6V
VOUT – 0.6V
• 60.4k
(3)
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RFB (k)
OPEN 90.9
60.4
40.2
30.1
19.1
13.3
8.25
For parallel operation of N-channels LTM4705, Equation 4
can be used to solve for RFB:
RFB =
0.6V
VOUT – 0.6V
•
60.4k
N
(4)
Input Decoupling Capacitors
The LTM4705 module should be connected to a low
AC-impedance DC source. For each regulator channel,
one piece 10µF input ceramic capacitor is required for
RMS ripple current decoupling. A bulk input capacitor is
only needed when the input source impedance is com-
promised by long inductive leads, traces or not enough
source capacitance. The bulk capacitor can be an electro-
lytic aluminum capacitor and/or polymer capacitor.
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated using Equation 5.
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1– D
(
)
(5)
where is the estimated efficiency of the power module.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth design,
only a single piece of 47µF low ESR output ceramic capac-
itor is required for each LTM4705 output to achieve low
output voltage ripple and very good transient response.
Additional output filtering may be required by the system
designer, if further reduction of output ripples or dynamic
transient spikes is required. Table 8 shows a matrix of dif-
ferent output voltages and output capacitors to minimize
the voltage droop and overshoot during a 2.5A (50%) load
step transient. Multiphase operation will reduce effec-
tive output ripple as a function of the number of phases.
Application Note 77 discusses this noise reduction versus
output ripple current cancellation, but the output capaci-
tance will be more a function of stability and transient
response. The Analog Devices LTpowerCAD® Design Tool
is available to download online for output ripple, stability
and transient response analysis and calculating the output
ripple reduction as the number of phases implemented
increases by N times.
Burst Mode Operation
In applications where high efficiency at intermediate cur-
rent is preferred over lower output voltage ripple, Burst
Mode operation could be used by connecting SYNC/
MODE pin to INTVCC to improve light load efficiency. In
Burst Mode operation, a current reversal comparator
(IREV) detects the negative inductor current and shuts off
the bottom power MOSFET, resulting in discontinuous
operation and increased efficiency. Both power MOSFETs
will remain off and the output capacitor will supply the
load current until the COMP voltage rises above the zero
current level to initiate another cycle.
Forced Continuous Current Mode (CCM) Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous opera-
tion should be used. Forced continuous operation can
be enabled by tying the SYNC/MODE pin to GND. In this
mode, inductor current is allowed to reverse during low
output loads, the COMP voltage is in control of the cur-
rent comparator threshold throughout. During start-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4705’s output
voltage is in regulation.
Operating Frequency
The operating frequency of the LTM4705 is optimized
to achieve the compact package size and the minimum
output ripple voltage while still keeping high efficiency.
The default operating frequency is internally set to 1MHz.
In most applications, no additional frequency adjusting
is required.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com