Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC7862
15
Rev 0
For more information www.analog.com
The Typical Application on the first page is a basic
LTC7862 application circuit. LTC7862 can be configured
to use either DCR (inductor resistance) sensing or low
value resistor sensing. The choice between the two cur-
rent sensing schemes is largely a design trade-off between
cost, power consumption and accuracy. DCR sensing is
becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, a current sensing
resistor provides the most accurate current limit for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs are selected. Finally, input and output
capacitors are selected.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the cur-
rent comparator. The common mode voltage range on
these pins is 0V to 65V (absolute maximum), enabling
the LTC7862 to regulate an output clamp voltage up to
a nominal set point of 60V (allowing margin for toler-
ances and transients). The SENSE+ pin is high impedance,
drawing less than ≈1μA. This high impedance allows the
current comparators to be used in inductor DCR sensing.
The impedance of the SENSE– pin changes depending on
the common mode voltage. When SENSE– is less than
INTVCC – 0.5V, it is high impedance, drawing less than
≈1µA. When SENSE– is above INTVCC + 0.5V, a higher
current (≈900µA) flows into the pin. Between INTVCC –
0.5V and INTVCC + 0.5V, the current transitions from the
smaller current to the higher current.
Filter components mutual to the sense lines should be
placed close to the LTC7862, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 2). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
APPLICATIONS INFORMATION
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 3b), resistor R1 should be placed close to
the switching node, to prevent noise from coupling into
sensitive small-signal nodes.
Figure 2. Sense Lines Placement with Inductor or Sense Resistor
7862 F02
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW
COUT
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 3a. RSENSE is chosen based on the required out-
put current.
The current comparator has a maximum threshold
VSENSE(MAX) = 50mV typical. The current comparator
threshold voltage sets the peak of the inductor current,
yielding a maximum average output current, IMAX, equal
to the peak value less half the peak-to-peak ripple cur-
rent, ∆IL. To calculate the sense resistor value, use the
equation:
RSENSE =
VSENSE(MAX)
IMAX +
ΔIL
2
Normally in high duty cycle conditions, the maximum
output current level will be reduced due to the internal
compensation required to meet stability criterion operat-
ing at greater than 50% duty factor. The LTC7862, how-
ever, uses a proprietary circuit to nullify the effect of slope
compensation on the current limit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com