Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices LTC4366 Datasheet HTML 18Page - Analog Devices LTC4366 Datasheet HTML 19Page - Analog Devices LTC4366 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC7862
16
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7862 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 3b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency and higher power loss
compared to inductor DCR sensing.
(3a) Using a Resistor to Sense Current
(3b) Using the Inductor DCR to Sense Current
Figure 3. Current Sensing Methods
7862 F03a
LTC7862
BOOST
TG
SW
BG
GND
SENSE–
SENSE+
VIN
VOUT
RSENSE
CAP
PLACED NEAR SENSE PINS
7862 F03b
LTC7862
VIN
VOUT
C1*
R2
*PLACE C1 NEAR SENSE PINS RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR
BOOST
TG
SW
BG
GND
SENSE–
SENSE+
If the external (R1||R2) • C1 time constant is chosen to
be exactly equal to the L/DCR time constant, the voltage
drop across the external capacitor is equal to the drop
across the inductor DCR multiplied by R2/(R1 + R2). R2
scales the voltage across the sense terminals for appli-
cations where the DCR is greater than the target sense
resistor value. To properly dimension the external filter
components, the DCR of the inductor must be known. It
can be measured using a good RLC meter, but the DCR
tolerance is not always the same and varies with tempera-
ture; consult the manufacturers’ data sheets for detailed
information.
Using the inductor ripple current value from the Inductor
Value Calculation section, the target sense resistor value is:
RSENSE(EQUIV) =
VSENSE(MAX)
IMAX +
ΔIL
2
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, choose
the minimum value for VSENSE(MAX) in the Electrical
Characteristics table.
Next, determine the DCR of the inductor. When provided,
use the manufacturer’s maximum value, usually given at
20°C. Increase this value to account for the temperature
coefficient of copper resistance, which is approximately
0.4%/°C. A conservative value for TL(MAX) is 100°C.
To scale the maximum inductor DCR to the desired sense
resistor value (RD), use the divider ratio:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
C1 is usually selected to be in the range of 0.1μF to
0.47μF. This forces R1|| R2 to around 2k, reducing error
that might have been caused by the SENSE+ pin’s ±1μA
current.
The equivalent resistance R1||R2 is scaled to the tempera-
ture inductance and maximum DCR:
R1|| R2 =
L
(DCR at 20°C) • C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com