Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 22Page - Analog Devices LTC4366 Datasheet HTML 23Page - Analog Devices LTC4366 Datasheet HTML 24Page - Analog Devices LTC4366 Datasheet HTML 25Page - Analog Devices LTC4366 Datasheet HTML 26Page - Analog Devices LTC4366 Datasheet HTML 27Page - Analog Devices LTC4366 Datasheet HTML 28Page - Analog Devices LTC4366 Datasheet HTML 29Page - Analog Devices LTC4366 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC7862
26
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
A second, more severe transient is caused by switching
in loads with large (>1μF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than 1:50, the switch rise time
should be controlled so that the load rise time is limited
to approximately 25 • CLOAD. Thus a 10μF capacitor would
require a 250μs rise time, limiting the charging current
to about 200mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC.
1. Are the signal and power grounds kept separate?
The combined IC signal ground pin and the ground
return of CDRVCC must return to the combined COUT
(–) terminals. The path formed by the top N-channel
MOSFET, bottom N-channel MOSFET and the CIN
capacitor should have short leads and PC trace
lengths. The output capacitor (–) terminals should
be connected as close as possible to the (–) terminals
of the input capacitor by placing the capacitors next
to each other.
2. Does the LTC7862 VFB pin’s resistive divider con-
nect to the (+) terminal of COUT? The resistive divider
must be connected between the (+) terminal of COUT
and signal ground. The feedback resistor connections
should not be along the high current input feeds from
the input capacitor(s).
3. Are the SENSE– and SENSE+ leads routed together
with minimum PC trace spacing? The filter capacitor
between SENSE+ and SENSE– should be as close as
possible to the IC. Ensure accurate current sensing
with Kelvin connections at the SENSE resistor.
4. Is the DRVCC and decoupling capacitor connected
close to the IC, between the DRVCC and the ground
pin? This capacitor carries the MOSFET drivers’ cur-
rent peaks.
5. Keep the SW, TG, and BOOST nodes away from sensi-
tive small-signal nodes. All of these nodes have very
large and fast moving signals and therefore should be
kept on the output side of the LTC7862 and occupy
minimum PC trace area.
6. Use a modified star ground technique: a low imped-
ance, large copper area central grounding point on
the same side of the PC board as the input and output
capacitors with tie-ins for the bottom of the DRVCC
decoupling capacitor, the bottom of the voltage feed-
back resistive divider and the GND pin of the IC.
PC Board Layout Debugging
It is helpful to use a DC-50MHz current probe to moni-
tor the current in the inductor while testing the circuit.
Monitor the output switching node (SW pin) to synchro-
nize the oscilloscope to the internal oscillator and probe
the actual output voltage as well. Check for proper per-
formance over the operating voltage and current range
expected in the application. The frequency of operation
should be maintained over the input voltage range down
to dropout and until the output load drops below the low
current operation threshold.
The duty cycle percentage should be maintained from
cycle to cycle in a well-designed, low noise PCB imple-
mentation. Variation in the duty cycle at a subharmonic
rate can suggest noise pickup at the current or volt-
age sensing inputs or inadequate loop compensation.
Overcompensation of the loop can be used to tame a
poor PC layout if regulator bandwidth optimization is not
required.
Reduce VIN from its nominal level to verify operation
of the regulator in dropout. Check the operation of the
undervoltage lockout circuit by further lowering VIN while
monitoring the output to verify operation.
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins. The capacitor placed across the current
sensing pins needs to be placed immediately adjacent to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com