Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 25 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 21Page - Analog Devices LTC4366 Datasheet HTML 22Page - Analog Devices LTC4366 Datasheet HTML 23Page - Analog Devices LTC4366 Datasheet HTML 24Page - Analog Devices LTC4366 Datasheet HTML 25Page - Analog Devices LTC4366 Datasheet HTML 26Page - Analog Devices LTC4366 Datasheet HTML 27Page - Analog Devices LTC4366 Datasheet HTML 28Page - Analog Devices LTC4366 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC7862
25
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
If the timer reaches 2.19V, the LTC7862 is not allowed
to switch again until TMR is discharged down to 0.25V
by a 1.1µA current source. This sets a time period that
permits the switching surge stopper components to cool
down before attempting to switch again. This cooldown
period is given by:
TCOOLDOWN = (2.19V – 0.25V) • CTMR/1.1µA
After this cooldown period, the LTC7862 may try to switch
again. On this retry, the time spent switching is limited to
TRETRY = 1.94V • CTMR/40µA
During a sustained fault condition, this results in a retry
duty cycle that is to first order independent of CTMR and
is defined by:
D=100•TRETRY/(TCOOLDOWN+TRETRY)=100•1/36.4≈2.7%
Warning Indicator (WARNB)
The WARNB pin is connected to the open drain of an
internal N-channel MOSFET. The MOSFET turns on and
pulls the WARNB pin low to ground (GND) whenever the
LTC7862 is switching (i.e, not in dropout) during an over-
voltage or overcurrent fault or during startup. The WARNB
pin is also pulled low during shutdown and during the
cooldown period after a fault timeout. The MOSFET is
turned off and the WARNB pin enters a high-impedance
state 60µs after the LTC7862 enters normal operation
(dropout) with the top external MOSFET (TG) on con-
tinuously. The WARNB pin is normally pulled up by an
external resistor to a voltage source no greater than 6V.
Checking Transient Response
The regulator loop response can be checked by looking
at the load current transient response. Switching regula-
tors take several cycles to respond to a step in DC (resis-
tive) load current. When a load step occurs, VOUT shifts
by an amount equal to ∆ILOAD (ESR), where ESR is the
effective series resistance of COUT. ∆ILOAD also begins to
charge or discharge COUT generating the feedback error
signal that forces the regulator to adapt to the current
change and return VOUT to its steady-state value. During
this recovery time VOUT can be monitored for excessive
overshoot or ringing, which would indicate a stability
problem. OPTI-LOOP compensation allows the transient
response to be optimized over a wide range of output
capacitance and ESR values. The availability of the ITH pin
not only allows optimization of control loop behavior, but
it also provides a DC coupled and AC filtered closed-loop
response test point. The DC step, rise time and settling
at this test point truly reflects the closed-loop response.
Assuming a predominantly second order system, phase
margin and/or damping factor can be estimated using the
percentage of overshoot seen at this pin. The bandwidth
can also be estimated by examining the rise time at the
pin. The ITH external components shown in the first page
circuit will provide an adequate starting point for most
applications.
The ITH series RC-CC filter sets the dominant pole-zero
loop compensation. The values can be modified slightly
to optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because the various types and values determine
the loop gain and phase. An output current pulse of 20%
to 80% of full-load current having a rise time of 1μs to
10μs will produce output voltage and ITH pin waveforms
that will give a sense of the overall loop stability without
breaking the feedback loop.
Placing a power MOSFET directly across the output
capacitor and driving the gate with an appropriate signal
generator is a practical way to produce a realistic load step
condition. The initial output voltage step resulting from
the step change in output current may not be within the
bandwidth of the feedback loop, so this signal cannot be
used to determine phase margin. This is why it is better to
look at the ITH pin signal which is in the feedback loop and
is the filtered and compensated control loop response.
The gain of the loop will be increased by increasing RC and
the bandwidth of the loop will be increased by decreas-
ing CC. If RC is increased by the same factor that CC is
decreased, the zero frequency will be kept the same,
thereby keeping the phase shift the same in the most
critical frequency range of the feedback loop. The output
voltage settling behavior is related to the stability of the
closed-loop system and will demonstrate the actual over-
all supply performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com