Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 3Page - Analog Devices ADP5092 Datasheet HTML 4Page - Analog Devices ADP5092 Datasheet HTML 5Page - Analog Devices ADP5092 Datasheet HTML 6Page - Analog Devices ADP5092 Datasheet HTML 7Page - Analog Devices ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices ADP5092 Datasheet HTML 10Page - Analog Devices ADP5092 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN, MPPT, CBP, MINOP
−0.3 V to +3.6 V
DIS_SW, TERM, SETPG, SETSD, SETBK,
PGOOD, SETHYST, REF, REG_D0, VID,
REG_D1, LLD, REG_GOOD to AGND
−0.3 V to +6.0 V
SW, SYS, BAT, BACK_UP, REG_OUT, REG_FB
to PGND
−0.3 V to +6.0 V
PGND to AGND
−0.3 V to +0.3 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
24-Lead LFCSP
58.7
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com