Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices ADP5092 Datasheet HTML 10Page - Analog Devices ADP5092 Datasheet HTML 11Page - Analog Devices ADP5092 Datasheet HTML 12Page - Analog Devices ADP5092 Datasheet HTML 13Page - Analog Devices ADP5092 Datasheet HTML 14Page - Analog Devices ADP5092 Datasheet HTML 15Page - Analog Devices ADP5092 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 12 of 28
0
20
40
60
80
100
120
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
BACK_UP VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 17. BACK_UP Leakage Current vs. BACK_UP Voltage
CH1 1.00V BW CH2 1.00V BW
CH3 1.00V BW CH4 2.00V BW
M40.0ms
A CH2
1.00V
1
4
2
VIN
BAT
SYS
SW
Figure 18. Startup with 100 µF Battery, VBAT > VSETSD
CH1 1.00V
B
W
CH3 50.0mV
B
W CH4 2.00V
B
W
M20.0ms A CH3
5.00mV
1
3
4
VIN
CH2: SYS (AC)
CH3: BAT (AC)
SW
T 80.0000µs
CH2 50.0mV
B
W
Figure 19. Output Ripple of TERM Function with 100 µA Load
0
10
20
30
40
50
60
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
BAT VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 20. BAT Leakage Current vs. BAT Voltage
CH1 1.00V BW CH2 1.00V BW
CH3 1.00V BW CH4 2.00V BW
M100ms
A CH2
1.00V
1
4
2
VIN
SYS
BAT
SW
Figure 21. Startup with Empty 100 µF Capacitor
CH1 500mV BW CH2 1.00V BW
CH3 1.00V BW CH4 2.00V BW
M40.0ms
A CH4
1.00V
1
4
3
VIN
SYS
BAT
PGOOD
Figure 22. PGOOD Function Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com