Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 4Page - Analog Devices ADP5092 Datasheet HTML 5Page - Analog Devices ADP5092 Datasheet HTML 6Page - Analog Devices ADP5092 Datasheet HTML 7Page - Analog Devices ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices ADP5092 Datasheet HTML 10Page - Analog Devices ADP5092 Datasheet HTML 11Page - Analog Devices ADP5092 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
SETHYST
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
SETPG
TERM
SETBK
SETSD
REF
SW
REG_OUT
REG_FB
SYS
BAT
BACK_UP
ADP5091
TOP VIEW
(Not to Scale)
Figure 3. ADP5091 Pin Configuration
2
1
3
4
5
6
18
17
16
15
14
13
SETHYST
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
SETPG
TERM
SETBK
SETSD
REF
SW
REG_OUT
REG_FB
SYS
BAT
BACK_UP
ADP5092
TOP VIEW
(Not to Scale)
Figure 4. ADP5092 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.1
Mnemonic
Description
ADP5091
ADP5092
1
1
REF
Internal Voltage Reference Monitoring Node for the SETSD, SETPG, SETBK, and TERM Pins.
2
2
SETSD
Shutdown Setting. The SETSD pin sets the shutdown discharging voltage based on the BAT pin
voltage level.
3
3
SETBK
BACK_UP Disabled Threshold Monitoring BAT Voltage Setting. Connect the SETBK pin to the AGND
pin without the BACK_UP storage element.
4
4
TERM
Termination Charging Voltage. This pin sets the termination charging voltage based on the BAT pin
voltage level.
5
5
SETPG
Power-Good Rising Threshold Monitoring SYS Node Voltage Level Setting.
6
6
SETHYST
PGOOD Falling Hysteresis Setting. Connect a resistor between SETPG and SETHYST to program the
PGOOD falling hysteresis.
7
7
AGND
Analog Ground.
8
8
CBP
Capacitor Bypass. This pin samples and holds the maximum power point level. Connect a 10 nF
capacitor from the CBP pin to the AGND pin. When the MPPT pin is disabled, tie the CBP pin to an
external reference that is lower than the VIN pin.
9
9
MPPT
Maximum Power Point Tracking. This pin sets the maximum power point ratio for the different
energy harvesters with a resistor divider. In no sensing mode, place a resistor through AGND to set
the MPPT voltage. The typical current value is 2.0 µA.
10
10
VIN
Input Supply from Energy Harvester Source. Connect at least a 10 µF capacitor as close as possible
between VIN and PGND.
11
N/A
LLD
Low Light Density Indicator to Microcontroller for the ADP5091. LLD pulls high at the MINOP voltage
higher than the CBP voltage.
N/A
11
REG_GOOD
Regulated Output Power Good for the ADP5092.
12
12
PGND
Power Ground.
13
13
SW
Switching Node for the Inductive Boost Regulator with a Connection to an External Inductor.
Connect a 22 µH inductor between SW and VIN.
14
14
REG_OUT
Regulated Output. Connect at least a 4.7 µF capacitor as close as possible between REG_OUT and PGND.
15
15
REG_FB
Regulated Output Feedback Voltage Sense Input. The fixed output connects this pin to REG_OUT.
The adjustable output connects this pin to a resistor divider from REG_OUT.
16
16
SYS
Output Supply to System Load. Connect at least a 4.7 µF capacitor as close as possible between SYS
and PGND.
17
17
BAT
SYS Output Supply Storage. This pin places the rechargeable battery or super capacitor as a storage
for the SYS output supply.
18
18
BACK_UP
Optional Input Supply from the Backup Primary Battery Cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com