Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 12Page - Analog Devices ADP5092 Datasheet HTML 13Page - Analog Devices ADP5092 Datasheet HTML 14Page - Analog Devices ADP5092 Datasheet HTML 15Page - Analog Devices ADP5092 Datasheet HTML 16Page - Analog Devices ADP5092 Datasheet HTML 17Page - Analog Devices ADP5092 Datasheet HTML 18Page - Analog Devices ADP5092 Datasheet HTML 19Page - Analog Devices ADP5092 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 16 of 28
THEORY OF OPERATION
The ADP5091/ADP5092 are intelligent, integrated energy
harvesting, ultralow power management solutions that include
a cold start-up circuit, one synchronous main boost controller,
and one regulated output hybrid controller with integrated
switches, a charging controller with integrated switches, and
backup power path switches. The main boost controller converts
maximum power from low voltage, high impedance dc sources,
such as PV cells, TEGs, and piezoelectric modules, to store energy
in a rechargeable battery or capacitor with storage protection
and provides power to the load. Another regulated output with
automatic hysteresis boost/LDO mode, or pure LDO mode, is
optimized to provide high efficiency across low output currents
(10 μA), see Figure 14) to high currents of 200 mA. The ADP5091/
ADP5092 can also control an additional power path from a
primary battery cell to the system. An external signal can
temporarily stop the two boost circuits to prevent interference
with RF transmission.
FAST COLD START-UP CIRCUIT (VSYS < VSYS_TH,
VIN > VIN_COLD)
The fast cold start-up circuit extracts energy available at the
VIN pin and charges only the capacitors at the SYS pin up to
VSYS_TH above which the main boost regulator and charge controller
start working. The efficient boost regulator charges storage
elements on the BAT pin when the SYS voltage is more than
the internal BAT charging threshold (VSYS_CHG). When the SYS
voltage is less than the internal BAT charging threshold with a
hysteresis, it stops charging the BAT pin and restarts charging
the SYS pin to ensure that it does not enter cold startup. Figure 41
shows the fast cold start-up sequence.
The cold start-up circuit is required when the VIN pin is more
than the minimum input voltage for the cold start (VIN_COLD),
and the energy storage voltage at the SYS pin is less than the end
of the cold start operation threshold (VSYS_TH). To complete the
cold startup, the energy harvester must supply sufficient power
(see the Energy Harvester Selection section). The cold startup,
with much lower efficiency compared to the main boost regulator,
achieves a short start-up time, creating a low shutdown current
from the system load enabled by the PGOOD signal. To bypass
the cold startup, place a primary battery at the BACK_UP pin
(see the Backup Storage Path section).
VSETSD
VSYS_CHG
VSYS_CHG_HYS
SYS
BAT
FAST
COLD
START
HIGH EFFICIENCY
LOW
EFFICIENCY
0V
VSYS_TH
Figure 41. Fast Cold Start-Up Sequence
MAIN BOOST REGULATOR (VBAT_TERM > VSYS > VSYS_TH)
The switching mode synchronous boost regulator, with an external
inductor connected between the VIN and the SW pins, operates
in pulse frequency modulation (PFM) mode, transferring energy
stored in the input capacitor to the energy storage connected to
the BAT pin. The MPPT control loop regulates the VIN voltage
at the level sampled at the MPPT pin and stored at the capacitor
through the CBP and the AGND pins. To maintain the high
efficiency of the regulator across a wide input power range, the
current sense circuitry employs an internal dither peak current
limit to control the inductor current.
The main boost regulator operation reaches an asynchronous
mode via the energy storage controller if the BAT pin voltage is
less than the battery terminal charging threshold programmed at
the SETSD pin, or stops switching if the BAT pin voltage is
more than the battery overcharging threshold programmed at
the TERM pin. The boost regulator disables when the voltage
on the CBP pin decreases to the threshold set by the resistor at
the MINOP pin. In addition, the boost is periodically stopped
by an open voltage sampling circuit and can also be temporary
disabled by driving the DIS_SW pin high.
VIN OPEN CIRCUIT AND MPPT
By floating the MINOP pin, the MPPT no sensing mode can
operate on a fixed MPPT voltage. The MPPT pin, with a 2.0 μA
(typical) bias current through a resistor, sets the MPPT voltage,
which is the boost input regulation reference.
When the MINOP pin voltage is set lower than VMINOP_DSM
through a resistor to AGND, the ADP5091/ADP5092 operate in
MPPT dynamic sensing mode. The boost input regulation
reference is the open circuit voltage at the VIN pin scaled to a ratio
programmed by the resistor divider at the MPPT pin. To keep
the VIN voltage operating at the maximum power points available
from the energy harvester at the input of the ADP5091/ADP5092,
periodically sample the MPPT voltage and store it in the capacitor
connected to the CBP pin. The reference voltage refreshes every
16 sec (default value) by periodically disabling the boost regulator
for 256 ms (default value) and by sampling the ratio of the open
circuit voltage when the BAT voltage level exceeds the SETSD
rising threshold. The factory bit can program the sampling
cycle. Set the reference voltage by

OC2
OC1
OC1
IN
MPPT
R
R
R
Circuit
Open
V
V
(1)
where:
VIN (Open Circuit) is the input open circuit voltage (VIN_OCV) of
the input voltage.
See Figure 2 for ROC1 and ROC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com