Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 6Page - Analog Devices ADP5092 Datasheet HTML 7Page - Analog Devices ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices ADP5092 Datasheet HTML 10Page - Analog Devices ADP5092 Datasheet HTML 11Page - Analog Devices ADP5092 Datasheet HTML 12Page - Analog Devices ADP5092 Datasheet HTML 13Page - Analog Devices ADP5092 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VBAT_TERM = 3.5 V, VSYS_PG = 2.8 V, VSETSD = 2.4 V, MPPT (OCV) = 80%, L = 22 μH, CIN = 10 μF, CSYS = 4.7 μF, CREG_OUT = 10 μF, CCBP = 10 nF.
0
10
20
30
40
50
60
70
80
90
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 5. Efficiency vs. Input Voltage, IIN = 10 μA
0
0.5
1.0
1.5
2.0
2.5
3.0
20
30
40
50
60
70
80
100
90
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
Figure 6. Efficiency vs. Input Voltage, IIN = 10 mA
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
Figure 7. Efficiency vs. Input Voltage, VIN = 0.5 V
0
0.5
1.0
1.5
2.0
2.5
3.0
20
30
40
50
60
70
80
100
90
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
Figure 8. Efficiency vs. Input Voltage, IIN = 100 μA
0.01
0.10
1
10
0
10
20
30
40
50
60
70
80
90
INPUT CURRENT (mA)
SYS = 2V
SYS = 3V
SYS = 5V
Figure 9. Efficiency vs. Input Current, VIN = 0.2 V
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
INPUT VOLTAGE (V)
SYS = 2V
SYS = 3V
SYS = 5V
Figure 10. Efficiency vs. Input Voltage, VIN = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com