Electronic Components Datasheet Search
  English  ▼

X  

ADP5092 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5092
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5092 Datasheet HTML 5Page - Analog Devices ADP5092 Datasheet HTML 6Page - Analog Devices ADP5092 Datasheet HTML 7Page - Analog Devices ADP5092 Datasheet HTML 8Page - Analog Devices ADP5092 Datasheet HTML 9Page - Analog Devices ADP5092 Datasheet HTML 10Page - Analog Devices ADP5092 Datasheet HTML 11Page - Analog Devices ADP5092 Datasheet HTML 12Page - Analog Devices ADP5092 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 9 of 28
Pin No.1
Mnemonic
Description
ADP5091
ADP5092
19
19
PGOOD
Output Signal to Microcontroller. This pin maintains a pulled high level when SYS is higher than the
SETPG threshold.
20
20
VID
Voltage Configuration Pin for REG_OUT. This pin sets up to eight different regulated outputs tied
low through a resistor to AGND. The output configuration details are in Table 7.
21
21
MINOP
Minimum Operating Power. Place a resistor on MINOP to set the minimum operating input voltage
level. The boost regulator starts switching when the CBP voltage exceeds the MINOP voltage. When
the MINOP pin is floating, the IC operates in no sensing mode with a fixed MPPT level. Connect this
pin through AGND to disable the MINOP function.
22
22
DIS_SW
Control Signal from Microcontroller or RF Transceiver to Stop Switching Boost Charger.
23
23
REG_D1
Regulated Output Working Mode Set D1. Enable LDO mode by pulling this pin high.
24
24
REG_D0
Regulated Output Working Mode Set D0. Enable boost mode by pulling this pin high.
EPAD
Exposed Pad. The exposed pad must be connected to AGND.
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com