Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 30Page - Analog Devices ADP5350 Datasheet HTML 31Page - Analog Devices ADP5350 Datasheet HTML 32Page - Analog Devices ADP5350 Datasheet HTML 33Page - Analog Devices ADP5350 Datasheet HTML 34Page - Analog Devices ADP5350 Datasheet HTML 35Page - Analog Devices ADP5350 Datasheet HTML 36Page - Analog Devices ADP5350 Datasheet HTML 37Page - Analog Devices ADP5350 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 34 of 63
voltage is provided from the system voltage. The LDO output
voltage is set by the factory fuse or I2C.
The LDO regulator provides a high power supply rejection ratio
(PSRR), low output noise, and excellent line and load transient
response with small 1 µF ceramic input and output capacitors.
The LDO1, LDO2, and LDO3 fixed output voltages are set by
the factory fuse and include the following options: 1.0 V, 1.1 V,
1.2 V, 1.3 V, 1.4 V, 1.5 V, 1.8 V, 2.1 V, 2.3 V, 2.5 V, 2.85 V, 3.0 V,
3.15 V, 3.3 V, 3.6 V, and 4.2 V.
Load Switch Mode
All LDO regulators can be configured as a load switch via the
I2C. The load switch allows power domain isolation and helps to
extend the battery life.
LDO Output Discharge
Each LDO has an output discharge feature that can be selected
by the I2C. When the output discharge feature is enabled, the
selected LDO output connects the internal 500 Ω load to
ground and pulls down the output voltage quickly when the
LDO channel is disabled.
PGOOD Indicator of LDO1 Output
The ADP5350 PGOOD pin can mask various power-good
channels, including LDO1, the boost regulator, and VVBUSx by
setting Register 0x37, Bit 0.
When the PGOOD pin masks the LDO1 power-good output and
enables LDO1, the PGOOD pin indicates the LDO1 output voltage
power-good signal, and asserts high when the VOUT1 pin
voltage reaches up to 90% of the typical voltage with a typical
2 ms deglitch time. The PGOOD signal asserts low when the
VOUT1 pin voltage drops to 86.5% of the typical voltage.
The default setting of the PG1_LDO1_MASK is a factory fuse
trim that is programmable. The LDO1 power-good status can
be read via the I2C interface, using Register 0x36, Bit 0.
THERMAL MANAGEMENT
Isothermal Charging and Thermal Early Warning
To assist with the thermal management of the ADP5350
charger, the battery charger provides an isothermal charging
function. As the on-chip power dissipation and die temperature
increase, the ADP5350 charger monitors the die temperature
and limits the output current when the temperature reaches
TSD_W. The die temperature is maintained at TSD_W through the
control of the charging current into the battery. A reduction in
power dissipation or ambient temperature may allow the
charging current to return to its original value, and the die
temperature subsequently drops below TSD_W. During
isothermal charging, the THERM_LIM flag is set to high.
The early warning bit is set if TSD_W is exceeded. This warning
bit allows the system to accommodate power consumption
before thermal shutdown occurs.
Thermal Shutdown
The ADP5350 switching charger features a thermal shutdown
threshold detector. If the die temperature exceeds TSD, the
ADP5350 charger is disabled, and the TSD_140 bit is set. The
ADP5350 charger can be reenabled when the die temperature
drops below the TSD falling limit and the TSD_140 bit is reset.
To reset the TSD_140 bit, write to the I2C Fault Register 0x0A
or cycle the power.
Fault Recovery
Before performing the following operation, it is important to
ensure that the cause of the fault is rectified.
To reset the fault bits in the CHARGER_FAULT register, cycle
the power on VBUSx or write the corresponding I2C bit high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com