Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 1 Page - Analog Devices

  ADP5350 Datasheet HTML 1Page - Analog Devices ADP5350 Datasheet HTML 2Page - Analog Devices ADP5350 Datasheet HTML 3Page - Analog Devices ADP5350 Datasheet HTML 4Page - Analog Devices ADP5350 Datasheet HTML 5Page - Analog Devices ADP5350 Datasheet HTML 6Page - Analog Devices ADP5350 Datasheet HTML 7Page - Analog Devices ADP5350 Datasheet HTML 8Page - Analog Devices ADP5350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
Advanced Battery Management PMIC with
Inductive Boost LED and Three LDO Regulators
Data Sheet
ADP5350
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Switching mode USB battery charger
High accuracy and programmable charge terminal voltage
and charge current
3 MHz buck for high efficiency and small footprint
Tolerant input voltage from −0.5 V to +20 V (USB VVBUSx)
Power path control allows system to operate with dead or
missing battery
Compliant with JEITA charge temperature specification
Voltage-based state of charge (SOC) calculation algorithm
Extra low quiescent current in sleep mode
Battery impedance chemistry (Li-Ion) compensation
Battery temperature compensation
No need for external sense resistor
Boost regulator with 5-channel LED driver
Support up to 4 LED in series or in parallel
5 independent programmable LED current sinks
64 programmable LED current levels (up to 20 mA)
Programmable on and off timer for LED blinking
Adaptive headroom control to maximize the efficiency
Three 150 mA linear LDO regulators
Ultralow IQ with zero load at 1 µA typical for LDO1
Optional load-switch full turn-on mode
Full I2C programmability with dedicated interrupt pin
APPLICATIONS
Rechargeable Li-Ion and Li-Ion polymer battery-powered
devices
Portable consumer devices
Portable medical devices
Portable instrumentation devices
Wearable devices
GENERAL DESCRIPTION
The ADP5350, a power management IC (PMIC), combines one
high performance buck regulator for single Li-Ion/Li-Ion
polymer battery charging, a fuel gauge, a highly programmable
boost regulator for LED backlight illumination, and three 150 mA
LDO regulators.
The ADP5350 operates in trickle charge mode and in constant
current (CC) and constant voltage (CV) fast charge mode. It
features an internal field effect transistor (FET) that permits
battery isolation on the system power side.
The ADP5350 fuel gauge is a space-saving and low current
consuming solution. It is optimal for rechargeable Li-Ion battery-
powered devices, and features a voltage-based, battery SOC
measurement function.
TYPICAL APPLICATION CIRCUIT
Figure 1.
The ADP5350 boost regulator operates at a 1.5 MHz switching
frequency. It can be operated as a constant voltage regulator or
as a supplemental constant current regulator for multiple LED
backlight drivers.
The ADP5350 LED drivers can support a wide range of LED
backlight configurations, either multiple LEDs in parallel or in
series.
The ADP5350 low dropout (LDO) regulators are optimized to
operate at low shutdown current and quiescent current to extend
battery life. The device also operates as a load switch that can be
fully turned off or on.
The I2C-compatible interface enables the programmability of all
parameters, including status bit readback for operation monitoring
and safety control.
The ADP5350 operates over the −40°C to +125°C junction
temperature range and is available in a 32-lead, 5 mm × 5 mm
LFCSP package and a 32-ball, 3 mm × 3 mm WLCSP package.
ADP5350
AGND
Li-Ion
+
–
C4
10µF
CFL1
C2
4.7µF
CFL2
C11
2.2µF
SCL
SDA
INT
PGOOD
BATOK
VBUSA
VBUSB
C1
2.2µF
USB 5V
I2C
AND
GPIOs
CHARGE
CONTROL
AND
FUEL
GAUGE
3MHz
BUCK
VIN4
SW4
PGND4
VIN123
4.7µH
L2
C5
2.2µF
VISOS
C9
4.7µF
HIGH VOLTAGE
BOOST
VOUT1
C6
1µF
150mA LDO
(OR LOAD SWITCH)
VOUT2
C7
1µF
150mA LDO
(OR LOAD SWITCH)
VOUT3
C8
1µF
150mA LDO
(OR LOAD SWITCH)
SW1B
SW1A
PGND1B
PGND1A
VISOS
L1
1.5µH
C3
10µF
ISOS
ISOB
BSNS
THR
VOUT4
FB4
LED1
LED2
D1
LED3
LED4
D2
LED5
LED6
D3
D4
D5
RNTC
C10
4.7µF


Similar Part No. - ADP5350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300-EVALZ AD-ADP5300-EVALZ Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-1-R7 AD-ADP5300ACPZ-1-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5300ACPZ-2-R7 AD-ADP5300ACPZ-2-R7 Datasheet
761Kb / 21P
50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
REV. 0
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
REV. A
More results

Similar Description - ADP5350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
Vincotech
10-FZ07NBA030SM01-P914L53 VINCOTECH-10-FZ07NBA030SM01-P914L53 Datasheet
342Kb / 7P
Buck-Boost for battery management
logo
Texas Instruments
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
logo
Analog Devices
ADP5360 AD-ADP5360 Datasheet
1Mb / 60P
Advanced Battery Management PMIC with Ultra Low Power Buck and Buck Boost
11/2019-Revision 0
LT3380 AD-LT3380 Datasheet
1Mb / 30P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
09/21-REV.A
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21-REV.A
logo
NXP Semiconductors
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com