Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 4Page - Analog Devices ADP5350 Datasheet HTML 5Page - Analog Devices ADP5350 Datasheet HTML 6Page - Analog Devices ADP5350 Datasheet HTML 7Page - Analog Devices ADP5350 Datasheet HTML 8Page - Analog Devices ADP5350 Datasheet HTML 9Page - Analog Devices ADP5350 Datasheet HTML 10Page - Analog Devices ADP5350 Datasheet HTML 11Page - Analog Devices ADP5350 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 8 of 63
LDO SPECIFICATIONS
VVBUSx = 5.0 V, VVIN4 = VVIN123 = VISOS= 3.6 V, C5 = C6 = C7 = C8 = 1 µF; TJ = −40°C to +125°C for minimum/maximum specifications,
and TA = 25°C for typical specifications, unless otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LDO1 INPUT VOLTAGE RANGE
VVIN123
2.56
5.5
V
KEEPALIVE LDO1
UNDERVOLTAGE LOCKOUT
VUVLO_LDO1_RISE
VIN123 rising
2.56
V
VUVLO_LDO1_FALL
VIN123 falling
1.78
V
VUVLO_LDO1_HYS
200
mV
Output Voltage Range
VVOUT1
Fuse trim or I2C, four bits
1.0
4.2
V
Output Accuracy
IOUT1 = 10 mA, TJ = 25°C
−1
+1
%
IOUT1 = 10 mA
−2.0
+2.0
%
Line Regulation
∆VVOUT1/VIN123
VVIN123 = (VVOUT1 + 0.5 V) to 5.5 V
−0.1
+0.1
%/V
Load Regulation
∆VVOUT1/IOUT1
IOUT1 = 100 µA to 150 mA
0.015
%/mA
Dropout Voltage
VDROP_OUT1
VVOUT1 = 3.3 V, IOUT1 = 10 mA
54
130
mV
VVOUT1 = 3.3 V, IOUT1 = 150 mA
150
240
mV
Current-Limit Threshold
ILIM_LDO1
200
300
440
mA
Output Noise1
VNOISE_LDO1
10 Hz to 100 kHz, VVIN123= 3.6 V, VVOUT1 = 3.3 V
100
μV rms
Power Supply Rejection Ratio1
PSRR
100 Hz, VVIN123= 3.6 V, VVOUT1 = 3.3 V, IOUT1 =
10 mA
40
dB
1 kHz, VVIN123= 3.6 V, VVOUT1 = 3.3 V, IOUT1 = 10 mA
35
dB
LDO Start-Up Time
tSS_LDO1
VVOUT1 = 3.3 V, LDO mode
600
μs
PGOOD Rising Threshold
VPGOOD1_RISE
Only effective in LDO mode
90
%
PGOOD Hysteresis
VPGOOD1_HYS
4.5
%
PGOOD Falling Delay
tPGOOD1_Fall
120
μs
PGOOD Rising Delay
tPGOOD1_RISE
2
ms
Load Switch Turn-On Rise Time
tRISE_SWITCH1
VOUT1 = 3.3 V, load switch mode
120
μs
Load Switch On Resistance
RDSON_SWITCH1
700
mΩ
COUT Discharge Switch On
Resistance
RDIS_LDO1
VVIN123 = 3.6 V
500
Ω
LDO2 INPUT VOLTAGE RANGE
VVIN4
VVIN4 = VVIN123
2.85
5.5
V
GENERAL-PURPOSE LDO2
Undervoltage Lockout
VUVLO_LDO2_RISE
VIN4 rising
2.7
2.85
V
VUVLO_LDO2_FALL
VIN4 falling
2.5
2.6
V
VUVLO_LDO2_HYS
100
mV
Output Voltage Range
VVOUT2
Fuse trim or I2C, 4 bits
1.0
4.2
V
Output Accuracy
IOUT2 = 10 mA, TJ = 25°C
−0.75
+0.75
%
IOUT2 = 10 mA
−1.5
+1.5
%
Line Regulation
(∆VVOUT2)/VVIN123
VVIN123 = (VVOUT2 + 0.5 V) to 5.5 V
−0.1
+0.1
%/V
Load Regulation
(∆VVOUT2)/IOUT2
IOUT2 = 100 µA to 150 mA
0.01
%/mA
Dropout Voltage
LFCSP Package
VDROP_OUT2
VVOUT2 = 3.3 V, IOUT2 = 10 mA
76
140
mV
WFCSP Package
VDROP_OUT2
VVOUT2 = 3.3 V, IOUT2 = 10 mA
65
120
mV
LFCSP Package
VDROP_OUT2
VVOUT2 = 3.3 V, IOUT2 = 150 mA
100
180
mV
WFCSP Package
VDROP_OUT2
VVOUT2 = 3.3 V, IOUT2 = 150 mA
80
150
mV
Current-Limit Threshold
ILIM_LDO2
220
320
430
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com