Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 45Page - Analog Devices ADP5350 Datasheet HTML 46Page - Analog Devices ADP5350 Datasheet HTML 47Page - Analog Devices ADP5350 Datasheet HTML 48Page - Analog Devices ADP5350 Datasheet HTML 49Page - Analog Devices ADP5350 Datasheet HTML 50Page - Analog Devices ADP5350 Datasheet HTML 51Page - Analog Devices ADP5350 Datasheet HTML 52Page - Analog Devices ADP5350 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 49 of 63
Bit No.
Mnemonic
Access
Default
Description
0
EN_BL
R/W
0
The grouped backlight enable signal.
0 = disable the grouped backlight.
1 = enable the grouped backlight.
Table 58. BST_CFG, Register Address 0x27 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
BST_MODE
R/W
0
This bit sets the boost regulator operation mode.
0 = LED operation mode.
1 = boost standalone operation mode.
6
BST_BL
R/W
0
This bit configures the boost regulator to provide the bias voltage to
all active LED channels or only to the active LED backlight channels.
(effective only when the boost regulator is configured in LED
operation mode).
0 = set the boost regulator to provide the bias voltage for all active
LED channels. In this configuration, the boost regulator provides the
adaptive headroom regulation according to all active LED current
sources.
1 = set the boost regulator to provide the bias voltage only to the
active LED backlight channels.
5
FOVR
R/W
0
This bit configures the override feature in the backlight fade in and
fade out.
0 = the fade in and fade out override is disabled.
1 = the fade in and fade out override is enabled.
4
Not used
R
Not used.
[3:2]
BST_OVP
R/W
00
This bit sets the overvoltage threshold in the boost output voltage in
VOUT4 pin.
00 = 18.5 V.
01 = 15 V.
10 = 10 V.
11 = 5.6 V.
1
Not used
R
Not used.
0
BST_IPK
R/W
0
This bit sets the peak current limit for boost regulator.
0 = 600 mA peak current limit.
1 = 300 mA peak current limit.
Table 59. IBL_SET, Register Address 0x28 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:6]
Not used
R
Not used.
[5:0]
IBL[5:0]
R/W
000000
These bits set the LED current setting for the grouped backlight
(LED1). All grouped backlight LED channels follow this current
setting. A square law algorithm for 64 levels is used.
000000 = 0 mA.
000001 = 0.005 mA.
000010 = 0.020 mA.
…
111101 = 18.750 mA.
111110 = 19.370 mA.
111111 = 20 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com