Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 4 Page - Analog Devices

  ADP5350 Datasheet HTML 1Page - Analog Devices ADP5350 Datasheet HTML 2Page - Analog Devices ADP5350 Datasheet HTML 3Page - Analog Devices ADP5350 Datasheet HTML 4Page - Analog Devices ADP5350 Datasheet HTML 5Page - Analog Devices ADP5350 Datasheet HTML 6Page - Analog Devices ADP5350 Datasheet HTML 7Page - Analog Devices ADP5350 Datasheet HTML 8Page - Analog Devices ADP5350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 4 of 63
SPECIFICATIONS
BATTERY CHARGER SPECIFICATIONS
−40°C < TJ < 125°C, VVBUSx = 5.0 V, RNTC = 47 kΩ, VVIN4 = VVIN123 = VISOS= 3.6 V, C1 = 2.2 µF, C2 = 4.7 µF, C3 = 10 µF, C4 = 10 µF, C11 = 2.2 µF,
L1 = 1.5 µH, all registers are at default values, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
GENERAL PARAMETERS
TJ = 0°C to 85°C
Undervoltage Lockout
VUVLO
On BSNS, rising threshold, no VVBUSx
2.45
2.6
V
On BSNS, falling threshold, no VVBUSx
2.2
2.3
V
Input Current Limit
ILIM
Set ILIM[3:0] = 100 mA
92
100
mA
Set ILIM[3:0] = 500 mA
475
500
mA
Operation Current
IQ
All enabled, no load, from VBUSx pin
4
6
mA
Only fuel gauge enabled (active), from
ISOB, no VVBUSx
160
230
µA
Only fuel gauge enabled (sleep), from
ISOB, no VVBUSx1
4
µA
Only boost regulator enabled, all LEDs
enabled, no LED current, from ISOB, no
VVBUS
2
2.6
mA
Only LDO1 enabled, from ISOB, no
VVBUSx
0.8
4
µA
Only LDO2 enabled, from ISOB, no
VVBUSx
160
230
µA
Only LDO3 enabled, from ISOB, no
VVBUSx
160
230
µA
Shutdown Current
ISTDN
All disabled, from ISOB and BSNS,
no VVBUSx
0.2
2.8
µA
CHARGING PARAMETERS
Fast Charge Current, Constant
Current Mode
ICHG
Programmable via I2C,
battery voltage > VTRK_DEAD
25
650
mA
Fast Charge Current Accuracy
ICHG = 200 mA
180
200
220
mA
TJ = 25°C, ICHG = 200 mA
−2.5
+2.5
%
Trickle Charge Current2
ITRK_DEAD
16
20
25
mA
Weak Charge Current
ICHG_WEAK
When VTRK_DEAD < VBSNS < VWEAK
ICHG + ITRK_DEAD
mA
Dead Battery, Trickle to Weak
Charge Threshold2
VTRK_DEAD
On BSNS
2.4
2.5
2.62
V
Weak Battery
Weak to Fast Charge Threshold2
VWEAK
On BSNS
2.9
3.0
3.15
V
Weak Battery Threshold
Hysteresis1
ΔVWEAK
90
mV
Battery Termination Voltage2
VTRM
On BSNS, TJ = 0°C to 85°C
4.158
4.200
4.242
V
On BSNS, TJ = 25°C
−0.3
+0.3
%
Battery Overvoltage Threshold
VBAT_OV
Relative to CFL1 voltage, BSNS rising,
VCLF1 = 4.0 V
VCFL1 − 0.15
V
Charge Complete Current2
IEND
VBSNS = VTRM, TJ = 0°C to 85°C
20
35
50
mA
Recharge Voltage Differential2
VRCH
Relative to VTRM, BSNS falling
260
mV
Battery Node Short Threshold
Voltage2
VBAT_SHR
2.3
2.4
2.52
V
CHARGER DC-TO-DC REGULATOR
Switching Frequency
fSW_CHG
2.7
3
3.3
MHz
Maximum Duty Cycle3
DMAX
96
%
Peak Inductor Current
IL1_PK
1500
1750
2200
mA
Regulated System Voltage
VISOS_TRK
VBSNS < VTRK_DEAD, trickle charge mode
VTRM + 0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com