Electronic Components Datasheet Search
  English  ▼

X  

ADP5350 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 55Page - Analog Devices ADP5350 Datasheet HTML 56Page - Analog Devices ADP5350 Datasheet HTML 57Page - Analog Devices ADP5350 Datasheet HTML 58Page - Analog Devices ADP5350 Datasheet HTML 59Page - Analog Devices ADP5350 Datasheet HTML 60Page - Analog Devices ADP5350 Datasheet HTML 61Page - Analog Devices ADP5350 Datasheet HTML 62Page - Analog Devices ADP5350 Datasheet HTML 63Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 63 of 63
OUTLINE DIMENSIONS
Figure 62. 32-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-32-1)
Dimensions shown in millimeters
Figure 63. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 0.75 mm Package Height
(CP-32-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADP5350ACBZ-1-R7
−40°C to +125°C
32-Ball Wafer Level Chip Scale Package [WLCSP]
CB-32-1
ADP5350ACPZ-1-R7
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
CP-32-12
ADP5350CB-EVALZ
Evaluation Board
ADP5350CP-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
A
B
C
D
E
F
3.400
3.360
3.320
3.350
3.310
3.270
1
2
3
4
5
6
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.660
0.600
0.540
0.390
0.360
0.330
SIDE VIEW
0.270
0.240
0.210
0.360
0.320
0.280
COPLANARITY
0.04
SEATING
PLANE
2.50
REF
0.50
BSC
0.50
0.40
0.30
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
3.75
3.60 SQ
3.55
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-5
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
©2017–2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14797-0-5/18(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com