Electronic Components Datasheet Search
  English  ▼

X  

MSM7654 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM7654
Description  NTSC/PAL Digital Video Encoder
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM7654 Datasheet HTML 35Page - OKI electronic componets MSM7654 Datasheet HTML 36Page - OKI electronic componets MSM7654 Datasheet HTML 37Page - OKI electronic componets MSM7654 Datasheet HTML 38Page - OKI electronic componets MSM7654 Datasheet HTML 39Page - OKI electronic componets MSM7654 Datasheet HTML 40Page - OKI electronic componets MSM7654 Datasheet HTML 41Page - OKI electronic componets MSM7654 Datasheet HTML 42Page - OKI electronic componets MSM7654 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
¡ Semiconductor
MSM7654
39/52
SETUP LEVEL SETTING
When the NTSC operation mode is selected, one of the two kinds of setup level can be selected
by setting of internal register (MR1[7]).
When the setup level 0IRE (MR1[7] = "0") is selected, the Black-to-White is 100IRE.
When the setup level 7.5IRE (MR1[7] = "1") is selected, the Black-to-White is 92.5IRE.
However, this setup function is valid only for the NTSC mode and invalid for the PAL mode.
COLOR BAR GENERATION FUNCTION
The 25% luminance order color bar or 50% luminance order color bar or 75% luminance order
color bar or 100% luminance order color bar is output by setting internal register CR0[2:1]. The
output timings for each color bar color are as follows.
Contents of color bar output timing setting
ITU-R BT.601 NTSC
ITU-R BT.601 PAL
1H
858TCLKX1
864TCLKX1
u
750TCLKX1
757TCLKX1
y
661TCLKX1
670TCLKX1
t
572TCLKX1
582TCLKX1
r
483TCLKX1
494TCLKX1
e
394TCLKX1
406TCLKX1
w
305TCLKX1
318TCLKX1
q
216TCLKX1
230TCLKX1
hblank
127TCLKX1
142TCLKX1
Operation mode
(TCLKX1 : sampling clock period)
4Fsc NTSC
910TCLKX1
795TCLKX1
701TCLKX1
607TCLKX1
513TCLKX1
419TCLKX1
325TCLKX1
230TCLKX1
135TCLKX1
Square pixel NTSC
780TCLKX1
682TCLKX1
602TCLKX1
521TCLKX1
440TCLKX1
359TCLKX1
278TCLKX1
197TCLKX1
116TCLKX1
Square pixel PAL
944TCLKX1
827TCLKX1
731TCLKX1
635TCLKX1
539TCLKX1
443TCLKX1
347TCLKX1
251TCLKX1
155TCLKX1
White
q
w
e
r
t
y
u
Yellow
Cyan Green
Magenta
Red
Blue
Black
Output timing of each color bar color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com