Electronic Components Datasheet Search
  English  ▼

X  

MSM7654 Datasheet(PDF) 48 Page - OKI electronic componets

Part # MSM7654
Description  NTSC/PAL Digital Video Encoder
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654 Datasheet(HTML) 48 Page - OKI electronic componets

Back Button MSM7654 Datasheet HTML 44Page - OKI electronic componets MSM7654 Datasheet HTML 45Page - OKI electronic componets MSM7654 Datasheet HTML 46Page - OKI electronic componets MSM7654 Datasheet HTML 47Page - OKI electronic componets MSM7654 Datasheet HTML 48Page - OKI electronic componets MSM7654 Datasheet HTML 49Page - OKI electronic componets MSM7654 Datasheet HTML 50Page - OKI electronic componets MSM7654 Datasheet HTML 51Page - OKI electronic componets MSM7654 Datasheet HTML 52Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
¡ Semiconductor
MSM7654
48/52
Register name
Description
Item to be set
Sub-address
R/W
CR0 (Command
Register)
Addition control of CSYNC_L at RGB
output
*0 : No addition of CSYNC to G signal
1 : Addition of CSYNC
CSYNC
CR0 [6]
02
Write Only
FOUT polarity change
*0 : Odd field "H", Even field "L"
1 : Odd field "L", Even field "H"
FOUT
CR0 [5]
TRAP filter On/Off control
*0 : Trap filter Off
1 : Trap filter On
Trap Filter
CR0 [4]
Adjusting luminance order color bar
output control
*0 : Input image data or overlay data
1 : Luminance order color bar
Color Bar
CR0 [3]
Overlay signal/adjusting luminance
order color bar output level control
11 : 25%
10 : 50%
01 : 75%
*00 : 100%
Overlay level
CR0 [2:1]
Sampling ratio control
*0 : 4:2:2
1 : 4:1:1
Sampling ratio
CR0 [0]
Adjusting luminance level of input image
data
*0000 : 100.00%
0001 : 96.875%
0010 : 93.750%
0011 : 90.675%
0100 : 87.500%
0101 : 84.375%
0110 : 81.250%
0111 : 78.125%
1000 : 75.000%
1001 : 71.875%
1010 : 68.750%
Luminance
Level
CR1 [3:0]
CR1 (Command
Register)
03
Write Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com