Electronic Components Datasheet Search
  English  ▼

X  

MSM7654 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7654
Description  NTSC/PAL Digital Video Encoder
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7654 Datasheet HTML 8Page - OKI electronic componets MSM7654 Datasheet HTML 9Page - OKI electronic componets MSM7654 Datasheet HTML 10Page - OKI electronic componets MSM7654 Datasheet HTML 11Page - OKI electronic componets MSM7654 Datasheet HTML 12Page - OKI electronic componets MSM7654 Datasheet HTML 13Page - OKI electronic componets MSM7654 Datasheet HTML 14Page - OKI electronic componets MSM7654 Datasheet HTML 15Page - OKI electronic componets MSM7654 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
¡ Semiconductor
MSM7654
12/52
BLOCK FUNCTIONAL DESCRIPTION
• Prologue Block
This block separates input data at the ITU-R BT.656 format into a luminance signal (Y) and a
chrominance signal (Cb & Cr), and also generates information concerning sync signals
HSYNC_L, VSYNC_L, and BLANK_L.
This block separates input data at the 27 MHz YCbCr (8-bit input) format into a luminance
signal (Y) and a chrominance signal (Cb & Cr).
This block separates input data at the 13.5 MHz YCbCr (16-bit input) format into a chrominance
signal Cb and a chrominance signal Cr.
Of the processed input data, luminance and chrominance signals other than valid pixel data
are replaced by 8'h10 and 8'h80 respectively.
RGB signals are converted into luminance (Y) and chrominance (Cb & Cr) signals.
• Y Limiter Block
This block limits the luminance input signal by clipping the lower limit of an input signal
outside the ITU-R BT.601 Standard
• Signals are limited to YD = 16 when YD < 16.
• Signals are limited to YD = 254 when YD (input during a valid pixel period) = 255.
In other cases, signals are fed as is to next processing.
• C Limiter Block
This block limits the chrominance signal by clipping the upper and lower limits of the input
signal outside the ITU-R BT.601 Standard.
CD = 1 when CD = 0 is input during a valid pixel period.
CD = 254 when CD = 255 is input during a valid pixel period.
• Y Level Converter Block
Converts ITU-R BT.601 standard luminance signal level to DAC digital input level.
• U Level Converter Block
Converts ITU-R BT.601 standard chrominance signal level to DAC digital input level.
• V Level Converter Block
Converts ITU-R BT.601 standard chrominance signal level to DAC digital input level.
• RGB YUV Level Converter Block
Converts RGB signals to YUV signals at a DAC digital input level.
• YUV Color Generator Block
This block generates luminance and chrominance signals from overlay color signals OLR, OLG
and OLB. The control signal (register CR0[3:1]) controls the output content and output level.
The output content of overlay or color bar is selected with register CR0[3] and the output level
of 100%, 75%, 50%, or 25% is selected with register CR0[2:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com