Electronic Components Datasheet Search
  English  ▼

X  

MSM7654 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7654
Description  NTSC/PAL Digital Video Encoder
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7654 Datasheet HTML 1Page - OKI electronic componets MSM7654 Datasheet HTML 2Page - OKI electronic componets MSM7654 Datasheet HTML 3Page - OKI electronic componets MSM7654 Datasheet HTML 4Page - OKI electronic componets MSM7654 Datasheet HTML 5Page - OKI electronic componets MSM7654 Datasheet HTML 6Page - OKI electronic componets MSM7654 Datasheet HTML 7Page - OKI electronic componets MSM7654 Datasheet HTML 8Page - OKI electronic componets MSM7654 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
¡ Semiconductor
MSM7654
5/52
PIN DESCRIPTIONS
Pin
I/O
Symbol
Description
1DVDD
3.3 V digital power supply.
2
I/O
SDA
I
2C interface data bus.
3
I
SCL
I
2C interface clock bus.
4
I
RGBMODE
Input signal select pin. "0" : YCbCr / "1" : RGB, Internal pull-down.
5 to 8
I
MODE[3:0]
Operation mode select pin. However, sleep mode is valid while RGBMODE
is "0". Internal pull-down.
9
I
MS
Master/slave operation selection in other modes than ITU-R BT.656. Internal
pull-down. "1" : Master / "0" : Slave
Only slave mode is selected in ITU-R BT.656 mode (input of "1" is invalid)
10
I/O
GENLOCK
GENLOCK signal I/O pin.
11
O
CSYNC_L
Composite sync output pin.
12
I/O
VSYNC_L
Vertical sync input/output pin (output mode in master mode/input mode in
slave mode)
13
I/O
HSYNC_L
Horizontal signal input/output pin (output mode in master mode/input mode
in slave mode)
14
I
BLANK_L
Composite blank signal input pin.
15
DVDD
3.3 V digital power supply.
16
I
DGND
Digital GND.
17 to 24
I
CD0 to CD7
8-bit digital image chrominance signal data input pins at pixel rate
operation. Level conforms to ITU-R BT.601. R signal input pins in RGB input
mode. CD7 is MSB. Fixed to "0" when not used.
25 to 32
I
YD0 to YD7
8-bit digital image data input pins at double pixel rate operation. 8-bit digital
luminance signal data input pins at pixel rate operation. Level conforms to
ITU-R BT.601. G signal input pins in RGB input mode. YD7 is MSB.
43
O
FOUT
Field information output pin (Odd Field : "1", Even Field : "0") (Polarity can
be changed by the internal register.)
44
I
RESET_L
System reset pin.
45
I
TENB
Input pin for testing. Normally fixed to "0". Internal pull-down. The user
cannot use this pin.
46
I
CLKX2
Clock input pin.
0000 : NTSC ITU-R BT.656
0010 : NTSC 24.52 MHz Square Pixel
0101 : NTSC 13.5 MHz YCbCr
0111 : NTSC 14.32 MHz
1000 : PAL ITU-R BT.656
1010 : PAL 29.5 MHz Square Pixel
1110 : PAL 14.75 MHz
0001 : NTSC 27 MHz YCbCr
0011 : NTSC 28.64 MHz 4Fsc
0110 : NTSC 12.27 MHz
1001 : PAL 27 MHz YcbCr
1101 : PAL 13.5 MHz
1111 :
33
DGND
Digital GND
34
DVDD
3.3 V digital power supply
35 to 42
I
BD0 to BD7
B signal input pins in RGB input mode. Fixed to "0" when not used.
Sleep Mode (Valid only
when RGBMODE is "0")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com