Electronic Components Datasheet Search
  English  ▼

X  

MSM7654 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7654
Description  NTSC/PAL Digital Video Encoder
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7654 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7654 Datasheet HTML 4Page - OKI electronic componets MSM7654 Datasheet HTML 5Page - OKI electronic componets MSM7654 Datasheet HTML 6Page - OKI electronic componets MSM7654 Datasheet HTML 7Page - OKI electronic componets MSM7654 Datasheet HTML 8Page - OKI electronic componets MSM7654 Datasheet HTML 9Page - OKI electronic componets MSM7654 Datasheet HTML 10Page - OKI electronic componets MSM7654 Datasheet HTML 11Page - OKI electronic componets MSM7654 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
¡ Semiconductor
MSM7654
8/52
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
VOH
Condition
IOH = –4 mA (*2)
IOL = 4 mA (*2)
Typ.
—
Unit
"L" Output Voltage
VOL
—V
Min.
0.7DVDD
—
Max.
—
0.4
"H" Output Voltage
V
Input Leak Current
II
VI = GND to DVDD
—
m
A
–10
+10
Output Leak Current
IO
VI = GND to DVDD (*3)
—
m
A
–10
+10
Power Supply Current (operating 2)
IDDO2
RL = 75 W
140
mA
—
160
Power Supply Current (standby 1)
IDDS1
RESET_L = "0"
120
mA
—
130
I2C-bus SDA Output Voltage
SDAVL
Low level, IOL = 3 mA
—V
0
0.4
I2C-bus SDA Output Current
SDAIO
During Acknowledge
—mA
3—
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
Internal Reference Voltage
Vrefin
—
1.25
V
——
DA Output Load Resistance
RL
—
37.5
W
Integral Linearity
SINL
—
±2
LSB
Differential Linearity
SDNL
—
±1
LSB
RL = 37.5 W
Power Supply Current (Sleep mode)
IDDSM
MODE [3:0] = "1111"
RGBMODE = "1"
1.0
mA
2.0
VIH
—
—
—
"L" Input Voltage
VIL
—V
2.2
—
—
0.8
"H" Input Voltage (*1)
V
Input Leak Current (with pull-down resistor)
IIH
VI = GND to DVDD
—
m
A
20
250
Power Supply Current (operating 1)
IDDO1
RL = 37.5 W
180
mA
—
200
CLKX2 = 0 MHz
Power Supply Current (standby 2)
IDDS2
RESET_L = "0"
60
mA
—65
RL = 75 W
CLKX2 = 0 MHz
RL
—75
W
(*1)
Up to 5.5 V can be input to the digital input pin (5 V tolerable)
(*2)
VSYNC_L, HSYNC_L, GENLOCK, CSYNC_L, FOUT
(*3)
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com