Electronic Components Datasheet Search
  English  ▼

X  

AMC1202 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1202 Datasheet HTML 1Page - Texas Instruments AMC1202 Datasheet HTML 2Page - Texas Instruments AMC1202 Datasheet HTML 3Page - Texas Instruments AMC1202 Datasheet HTML 4Page - Texas Instruments AMC1202 Datasheet HTML 5Page - Texas Instruments AMC1202 Datasheet HTML 6Page - Texas Instruments AMC1202 Datasheet HTML 7Page - Texas Instruments AMC1202 Datasheet HTML 8Page - Texas Instruments AMC1202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
AMC1202
UNIT
DWV (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
85.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.8
°C/W
RθJB
Junction-to-board thermal resistance
43.5
°C/W
ψJT
Junction-to-top characterization parameter
4.8
°C/W
ψJB
Junction-to-board characterization parameter
41.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
PD
Maximum power dissipation (both sides)
VDD1 = VDD2 = 5.5 V
99
mW
PD1
Maximum power dissipation (high-side)
VDD1 = 3.6 V
31
mW
VDD1 = 5.5 V
54
PD2
Maximum power dissipation (low-side)
VDD2 = 3.6 V
26
mW
VDD2 = 5.5 V
45
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com