Electronic Components Datasheet Search
  English  ▼

X  

AMC1202 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1202 Datasheet HTML 1Page - Texas Instruments AMC1202 Datasheet HTML 2Page - Texas Instruments AMC1202 Datasheet HTML 3Page - Texas Instruments AMC1202 Datasheet HTML 4Page - Texas Instruments AMC1202 Datasheet HTML 5Page - Texas Instruments AMC1202 Datasheet HTML 6Page - Texas Instruments AMC1202 Datasheet HTML 7Page - Texas Instruments AMC1202 Datasheet HTML 8Page - Texas Instruments AMC1202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AMC1202 Precision, ±50-mV Input, Basic Isolated Amplifier
1 Features
• ±50-mV input voltage range optimized for current
measurements using shunt resistors
• Fixed gain: 41
• Low DC errors:
– Offset error: ±50 μV (max)
– Offset drift: ±0.8 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±35 ppm/°C (max)
– Nonlinearity: 0.03% (max)
• 3.3-V or 5-V operation on high-side and low-side
• Fail-safe output
• High CMTI : 100 kV/µs (min)
• Low EMI, meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 4250-VPK basic isolation per DIN VDE V
0884-11: 2017-01
– 3000-VRMS isolation for 1 minute per UL1577
2 Applications
• Shunt-resistor-based current sensing in:
– HEV/EV charging piles
– HEV/EV on-board chargers (OBC)
– HEV/EV DC/DC converters
– HEV/EV traction inverters
3 Description
The AMC1202 is a precision, isolated amplifier with
an output separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide basic
galvanic isolation of up to 3 kVRMS according to
VDE V 0884-11 and UL1577, and supports a working
voltage of up to 1 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC1202 is optimized for direct
connection to a low-impedance shunt resistor or other
low-impedance voltage source with low signal levels.
The excellent DC accuracy and low temperature drift
supports accurate current control in PFC stages,
DC/DC converters, traction inverters, and OBCs over
the full automotive temperature range from –40°C to
+125°C.
The integrated missing shunt and missing high-side
supply detection features simplify system-level design
and diagnostics.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC1202
SOIC (8)
5.85 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VDD2
Low-side supply
(3.3 V or 5 V)
AMC1202
OUTP
OUTN
GND2
GND1
INP
INN
VDD1
I
High-side supply
(3.3 V or 5 V)
ADC
+50 mV
0 V
–
mV
±2.05 V
VCMout
Typical Application
AMC1202
SBASAB8 – MAY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200 TI-AMC1200 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200 TI2-AMC1200 Datasheet
1Mb / 34P
AMC1200/B Fully-Differential Isolation Amplifier
REVISED JULY 2015
AMC1200-Q1 TI1-AMC1200-Q1 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
More results

Similar Description - AMC1202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
logo
Broadcom Corporation.
ACPL-C799 BOARDCOM-ACPL-C799 Datasheet
1Mb / 16P
Optically Isolated 짹50 mV Sigma-Delta Modulator
logo
Texas Instruments
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1302 TI1-AMC1302 Datasheet
643Kb / 24P
Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com