Electronic Components Datasheet Search
  English  ▼

X  

AMC1202 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC1202 Datasheet HTML 16Page - Texas Instruments AMC1202 Datasheet HTML 17Page - Texas Instruments AMC1202 Datasheet HTML 18Page - Texas Instruments AMC1202 Datasheet HTML 19Page - Texas Instruments AMC1202 Datasheet HTML 20Page - Texas Instruments AMC1202 Datasheet HTML 21Page - Texas Instruments AMC1202 Datasheet HTML 22Page - Texas Instruments AMC1202 Datasheet HTML 23Page - Texas Instruments AMC1202 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The low analog input voltage range, excellent accuracy, and low temperature drift make the a high-performance
solution for industrial applications where shunt-based current sensing in the presence of high common-mode
voltage levels is required.
8.2 Typical Application
The AMC1202 is ideally suited for shunt-based current sensing applications where accurate current monitoring is
required in the presence of high common-mode voltages.
Figure 8-1 shows the AMC1202 in a typical application. The load current flowing through an external shunt
resistor RSHUNT produces a voltage drop that is sensed by the AMC1202. The AMC1202 digitizes the analog
input signal on the high-side, transfers the data across the isolation barrier to the low-side, reconstructs the
analog signal, and presents that signal as a differential voltage on the output pins.
The differential input, differential output, and the high common-mode transient immunity (CMTI) of the AMC1202
ensure reliable and accurate operation even in high-noise environments.
10
10
10 nF
VDD1
GND1
INP
INN
AMC1202
VDD2
OUTP
OUTN
GND2
RSHUNT
1 uF
100 nF
Floating Gate
Driver Supply
+ DC Link
– DC Link
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
Load
ADC
Figure 8-1. Using the AMC1202 for Current Sensing in a Typical Application
AMC1202
SBASAB8 – MAY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com