Electronic Components Datasheet Search
  English  ▼

X  

AMC1202 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC1202 Datasheet HTML 19Page - Texas Instruments AMC1202 Datasheet HTML 20Page - Texas Instruments AMC1202 Datasheet HTML 21Page - Texas Instruments AMC1202 Datasheet HTML 22Page - Texas Instruments AMC1202 Datasheet HTML 23Page - Texas Instruments AMC1202 Datasheet HTML 24Page - Texas Instruments AMC1202 Datasheet HTML 25Page - Texas Instruments AMC1202 Datasheet HTML 26Page - Texas Instruments AMC1202 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
9 Power Supply Recommendations
The AMC1202 does not require any specific power up sequencing. The high-side power-supply (VDD1) is
decoupled with a low-ESR 100-nF capacitor (C1) parallel to a low-ESR 1-µF capacitor (C2). The low-side power
supply (VDD2) is equally decoupled with a low-ESR 100-nF capacitor (C3) parallel to a low-ESR 1-µF capacitor
(C4). Place all four capacitors (C1, C2, C3, and C4) as close to the device as possible.
The ground reference for the high-side (GND1) is derived from the end of the shunt resistor, which is connected
to the negative input (INN) of the device. For best DC accuracy, use a separate trace (as shown in Figure 9-1)
to make this connection instead of shorting GND1 to INN directly at the device input. If a four-terminal shunt
is used, the device inputs are connected to the inner leads and GND1 is connected to the outer lead on the
INN-side of the shunt.
R2 10
R1 10
C5
10 nF
VDD1
C2 1 µF
C1 100 nF
I
VDD2
C4 1 µF
C3 100 nF
to RC filter / ADC
to RC filter / ADC
VDD1
GND1
INP
INN
AMC1202
VDD2
OUTP
OUTN
GND2
INP
Figure 9-1. Decoupling of the AMC1202
Capacitors must provide adequate effective capacitance under the applicable DC bias conditions they
experience in the application. Multilayer ceramic capacitors (MLCCs) typically exhibit only a fraction of their
nominal capacitance under real-world conditions and this factor must be taken into consideration when selecting
these capacitors. This problem is especially acute in low-profile capacitors, in which the dielectric field strength is
higher than in taller components. Reputable capacitor manufacturers provide capacitance versus DC bias curves
that greatly simplify component selection.
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com