Electronic Components Datasheet Search
  English  ▼

X  

AMC1202 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC1202 Datasheet HTML 13Page - Texas Instruments AMC1202 Datasheet HTML 14Page - Texas Instruments AMC1202 Datasheet HTML 15Page - Texas Instruments AMC1202 Datasheet HTML 16Page - Texas Instruments AMC1202 Datasheet HTML 17Page - Texas Instruments AMC1202 Datasheet HTML 18Page - Texas Instruments AMC1202 Datasheet HTML 19Page - Texas Instruments AMC1202 Datasheet HTML 20Page - Texas Instruments AMC1202 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
7 Detailed Description
7.1 Overview
The AMC1202 is a fully differential, precision, isolated amplifier. The input stage of the device consists of a
fully differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The modulator converts the
analog input signal into a digital bitstream that is transferred across the isolation barrier that separates the
high-side from the low-side. On the low-side, the received bitstream is processed by a fourth-order analog filter
that outputs a differential signal at the OUTP and OUTN pins that is proportional to the input signal.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application report. The digital modulation used in the AMC1202
to transmit data across the isolation barrier, and the isolation barrier characteristics itself, result in high reliability
and common-mode transient immunity.
7.2 Functional Block Diagram
AMC1202
ΔΣ Modulator
GND1
INP
INN
VDD1
Diagnostics
VDD2
OUTP
OUTN
GND2
Analog Filter
7.3 Feature Description
7.3.1 Analog Input
The differential amplifier input stage of the AMC1202 feeds a second-order, switched-capacitor, feed-forward
ΔΣ modulator. The gain of the differential amplifier is set by internal precision resistors with a differential input
impedance of RIND. The modulator converts the analog input signal into a bitstream that is transferred across the
isolation barrier, as described in the Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signals INP and INN. First, if the input voltages VINP or VINN
exceed the range specified in the Absolute Maximum Ratings table, the input currents must be limited to the
absolute maximum value, because the electrostatic discharge (ESD) protection turns on. In addition, the linearity
and parametric performance of the device are ensured only when the analog input voltage remains within
the linear full-scale range (VFSR) and within the common-mode input voltage range (VCM) as specified in the
Recommended Operating Conditions table.
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com