Electronic Components Datasheet Search
  English  ▼

X  

AWR2944 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AWR2944
Description  AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AWR2944 Datasheet(HTML) 4 Page - Texas Instruments

  AWR2944 Datasheet HTML 1Page - Texas Instruments AWR2944 Datasheet HTML 2Page - Texas Instruments AWR2944 Datasheet HTML 3Page - Texas Instruments AWR2944 Datasheet HTML 4Page - Texas Instruments AWR2944 Datasheet HTML 5Page - Texas Instruments AWR2944 Datasheet HTML 6Page - Texas Instruments AWR2944 Datasheet HTML 7Page - Texas Instruments AWR2944 Datasheet HTML 8Page - Texas Instruments AWR2944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
3.1 Functional Block Diagram
Figure 3-1 represents the functional block diagram for the device.
Hardware Security
Module
(B)
IF
ADC
Digital
Front-end
(Decimation
Filter Chain)
LNA
IF
ADC
LNA
IF
ADC
LNA
IF
ADC
LNA
PA
û-
PA
û-
Synth
(20 GHz)
Ramp
Generator
x4
Osc.
VMON
Temp
ARM Cortex-R5F
(Lock Step)
@ 300 MHz
L2 RAM
960KB
(A)
Prog
Cache
16KB
Data
Cache
16KB
QSPI
SPI
SPI / I2C
Debug
UARTs
DMA
Test/
Debug
ADC
Buffer
Aurora
LVDS
RF/Analog Sub-System
Radio Processor
Sub-System
(TI Programmed)
Main Sub-System
(Customer Programmed)
Serial Flash Interface
Optional External
MCU Interface
PMIC Control
Primary Communication
Interfaces (Automotive)
JTAG for Debug/
Development
High-Speed ADC Output
Interface (for Recording)
9
CAN-FD
DSP Sub-System
(Customer Programmed)
Mailbox
CSI2 RX
High-Speed Interface to
enable playback of the
captured data
C66x DSP Core
@ 360 MHz
L1P
(32KB)
L1D
(32KB)
L2
(384KB)
Radar Data Memory
(A)
AWR2943 - 2.0MB /
AWR2944 - 2.5MB
PA
û-
L1 Data
RAM
128KB
(A)
For Debug
Ethernet
100Mbps Alternate Data
Communication Interface
PA
û-
Radio (BIST)
Processor
(For RF Calibration
& Self-Test ± TI
Programmed)
Prog RAM
& ROM
Data
RAM
GPADC
GPADC
DMA
CRC
Radar Hardware Accelerator
(FFT, Log mag, and others)
A.
Configurable memory can be switched from Radar Data memory to the Main R5F program and Data RAMs per application usecase
needs.
B.
This feature is only available in select part variants as indicated by the Device Type identifier in the Section 3, Device Information table.
Figure 3-1. Functional Block Diagram
AWR2944
SWRS273 – NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com