Electronic Components Datasheet Search
  English  ▼

X  

AWR2944 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # AWR2944
Description  AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AWR2944 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AWR2944 Datasheet HTML 76Page - Texas Instruments AWR2944 Datasheet HTML 77Page - Texas Instruments AWR2944 Datasheet HTML 78Page - Texas Instruments AWR2944 Datasheet HTML 79Page - Texas Instruments AWR2944 Datasheet HTML 80Page - Texas Instruments AWR2944 Datasheet HTML 81Page - Texas Instruments AWR2944 Datasheet HTML 82Page - Texas Instruments AWR2944 Datasheet HTML 83Page - Texas Instruments AWR2944 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Table 10-1. Monitoring and Diagnostic Mechanisms for AWR294x (continued)
NO
FEATURE
DESCRIPTION
4
End to End ECC for BIST R4F TCM
Memories, Mailbox
BIST R4F TCMs, Mailbox diagnostic is supported by Single error correction double
error detection (SECDED) ECC diagnostic. Single bit error is communicated to the BIST
R4FCPU while double bit error is communicated to MSS R5F as an interrupt so that
application code becomes aware of this and takes appropriate action.
5
BIST R4F TCM bit multiplexing
Logical TCM word and its associated ECC code is split and stored in two physical SRAM
banks. This scheme provides an inherent diagnostic mechanism for address decode
failures in the physical SRAM banks and helps to reduce the probability of physical multi-
bit faults resulting in logical multi-bit faults.
6
Temperature Sensors
Device architecture supports various temperature sensors all across the device (next
to power hungry modules such as PAs, etc) which is monitored during the inter-frame
period(1).
7
Tx Power Monitors
Device architecture supports power detectors at the Tx output(2).
8
Synthesizer (Chirp) frequency
monitor
Monitors Synthesizer’s frequency ramp by counting (divided-down) clock cycles and
comparing to ideal frequency ramp. Excess frequency errors above a certain threshold,
if any, are detected and reported.
9
Ball break detection for TX ports
(TX Ball break monitor)
Device architecture supports a ball break detection mechanism based on Impedance
measurement at the TX output(s) to detect and report any large deviations that can
indicate a ball break.
Monitoring is done by TIs code running on BIST R4F and failure is reported to the MSS
R5F via Mailbox.
It is completely up to customer SW to decide on the appropriate action based on the
message from BIST R4F
10
RX loopback test
Built-in TX to RX loopback to enable detection of failures in the RX path(s), including Gain,
inter-RX balance, etc. This monitor also covers ball breaks on the RX pins.
11
IF loopback test
Built-in IF (square wave) test tone input to monitor IF filter’s frequency response and
detect failure.
12
RX saturation detect
Provision to detect ADC saturation due to excessive incoming signal level and/or
interference.
(1)
Monitoring is done by the TI's code running on BIST R4F. There are two modes in which it could be configured to report the
temperature sensed via API by customer application.
a.
Report the temperature sensed after every N frames
b.
Report the condition once the temperature crosses programmed threshold.
It is completely up to customer SW to decide on the appropriate action based on the message from BIST R4Fvia Mailbox.
(2)
Monitoring is done by the TI's code running on BIST R4F.
There are two modes in which it could be configured to report the detected output power via API by customer application.
a.
Report the power detected after every N frames
b.
Report the condition once the output power degrades by more than configured threshold from the configured.
It is completely up to customer SW to decide on the appropriate action based on the message from BIST R4F.
AWR2944
SWRS273 – NOVEMBER 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com