Electronic Components Datasheet Search
  English  ▼

X  

AWR2944 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AWR2944
Description  AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AWR2944 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AWR2944 Datasheet HTML 38Page - Texas Instruments AWR2944 Datasheet HTML 39Page - Texas Instruments AWR2944 Datasheet HTML 40Page - Texas Instruments AWR2944 Datasheet HTML 41Page - Texas Instruments AWR2944 Datasheet HTML 42Page - Texas Instruments AWR2944 Datasheet HTML 43Page - Texas Instruments AWR2944 Datasheet HTML 44Page - Texas Instruments AWR2944 Datasheet HTML 45Page - Texas Instruments AWR2944 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
8.11 Input Clocks and Oscillators
8.11.1 Clock Specifications
An external crystal is connected to the device pins. Figure 8-3 shows the crystal implementation.
40 MHz
CLKP
CLKM
Cf1
Cf2
Cp
Figure 8-3. Crystal Implementation
Note
The load capacitors, Cf1 and Cf2 in Figure 8-3, should be chosen such that Equation 1 is satisfied.
CL in the equation is the load specified by the crystal manufacturer. All discrete components used
to implement the oscillator circuit should be placed as close as possible to the associated oscillator
CLKP and CLKM pins.Note that Cf1 and Cf2 include the parasitic capacitances due to PCB routing.
Note
The board routing parasitics between CLKP/CLKM pins also need to be included in the estimates of
CP
f 2
L
f1
P
f1
f 2
C
C
C
C
C
C
=
´
+
+
(1)
Table 8-5 lists the electrical characteristics of the clock crystal.
Table 8-5. Crystal Electrical Characteristics (Oscillator Mode)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
40
MHz
CL
Crystal load capacitance
5
8
12
pF
ESR
Crystal ESR
50
Ω
Temperature range
Expected temperature range of operation
-40
125
℃
Frequency
tolererance
Crystal frequency tolerance(1) (2)
-100
100(3)
ppm
Drive level
50
200
μW
(1)
The crystal manufacturer's specification must satisfy this requirement.
(2)
Includes initial tolerance of the crystal, drift over temperature, aging and frequency pulling due to incorrect load capacitance.
(3)
For Ethernet operation, tighter specifications of less than 100 PPM frequency error is required. If the Ethernet interface is not used , a
PPM error up to 200 PPM can be tolerated.
In the case where an external clock is used as the clock resource, the signal is fed to the CLKP pin only; CLKM
is grounded. The phase noise requirement is very important when a 40-MHz clock is fed externally. Table 8-6
lists the electrical characteristics of the external clock signal.
AWR2944
SWRS273 – NOVEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com