Electronic Components Datasheet Search
  English  ▼

X  

AWR2944 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AWR2944
Description  AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AWR2944 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AWR2944 Datasheet HTML 35Page - Texas Instruments AWR2944 Datasheet HTML 36Page - Texas Instruments AWR2944 Datasheet HTML 37Page - Texas Instruments AWR2944 Datasheet HTML 38Page - Texas Instruments AWR2944 Datasheet HTML 39Page - Texas Instruments AWR2944 Datasheet HTML 40Page - Texas Instruments AWR2944 Datasheet HTML 41Page - Texas Instruments AWR2944 Datasheet HTML 42Page - Texas Instruments AWR2944 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Table 8-4. Average Power Consumption at Power Terminals
PARAMETER
CONDITION(2)
DESCRIPTION
MIN
TYP(1)
MAX
UNIT
Average power consumption
in single chip mode.
3TX, 4RX
25% duty
cycle
Use Case: Regular mode, 37.5
Msps sampling rate, 25.6 ms frame
periodicity, 256 chirps, 256 samples/
chirp, 2-µs idle time, 7us ADC start
time and excess ramp time
Activity of cores :
•
70% MSS R5F
•
70% C66x DSP and HWA
•
50% ARM M4F
Ethernet and CAN-FD interface is
enabled for data transfer
1.47
W
50% duty
cycle
2.09
4TX, 4RX
25% duty
cycle
1.54
50% duty
cycle
2.25
(1)
The Power consumption numbers are for a typical usecase i.e. for a Nominal device at 25C ambient temperature and nominal voltage
conditions.
(2)
Frame duty cycle represents the ratio of Frame Active and Interframe time.
8.8 RF Specifications
over recommended operating conditions and with run time calibrations enabled (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Receiver
Noise figure
13
dB
1-dB compression point (Out Of Band)(1)
-11
dBm
Maximum gain
44
dB
Gain range
20
dB
Gain step size
2
dB
IF bandwidth(2)
15
MHz
ADC sampling rate
37.5
Msps
ADC resolution
12
Bits
Return loss (S11)
-10
dB
Gain mismatch variation (over temperature)
±0.5
dB
Phase mismatch variation (over temperature)
±3
°
Idle Channel Spurs
-90
dBFS
Transmitter
Output power
12
dBm
Phase shifter accuracy
±5
°
Temperature sensor accuracy
±5
℃
Amplitude noise
-145
dBc/Hz
Clock subsystem
Frequency range
76
81
GHz
Ramp rate
250(3)
MHz/μs
Phase noise at 1-
MHz offset
76 to 77 GHz (VCO1)
-96
dBc/Hz
76 to 81 GHz (VCO2)
-95
(1)
1-dB Compression Point (Out Of Band) is measured by feeding a continuous wave tone at 5% of the programmed HPF cut-off
frequency (i.e. blocker tone) along with a second in-band tone. The compression point is determined by the blocker power that results
in a 1dB compression of the in-band tone at the RX ADC.
(2)
The analog IF stages include a second order high pass filter that can be configured to the following -6dB corner frequencies:
Available HPF Corner Frequencies (kHz)
HPF
300, 350, 700, 1400,
The filtering performed by the digital baseband chain is targeted to provide:
•
Less than ±0.5 dB pass-band ripple/droop, and
•
Better than 60 dB anti-aliasing attenuation for any frequency that can alias back into the pass-band.
www.ti.com
AWR2944
SWRS273 – NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com