Electronic Components Datasheet Search
  English  ▼

X  

AWR2944 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AWR2944
Description  AWR2944 Single-Chip 76- and 81-GHz FMCW Radar Sensor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AWR2944 Datasheet(HTML) 2 Page - Texas Instruments

  AWR2944 Datasheet HTML 1Page - Texas Instruments AWR2944 Datasheet HTML 2Page - Texas Instruments AWR2944 Datasheet HTML 3Page - Texas Instruments AWR2944 Datasheet HTML 4Page - Texas Instruments AWR2944 Datasheet HTML 5Page - Texas Instruments AWR2944 Datasheet HTML 6Page - Texas Instruments AWR2944 Datasheet HTML 7Page - Texas Instruments AWR2944 Datasheet HTML 8Page - Texas Instruments AWR2944 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
2 Applications
• Lane Change Assist
• Blind Spot detection
• Automatic Emergency Braking
• Adaptive Cruise Control
• Cross Traffic Alert
RX1
RX2
RX3
RX4
TX2
Antenna
Structure
TX1
Radar
Front End
Integrated MCU
ARM Cortex-R5F
Ethernet
Power Management
40-MHz
Crystal
Serial
Flash
Ethernet
PHY
Automotive
Network
Integrated DSP
TI C66x
mmWave Sensor
CAN FD (2)
MCAN
PHY
Automotive
Network
QSPI
TX3
TX4
Figure 2-1. Autonomous Radar Sensor For Automotive Applications
3 Description
The AWR294x is a single chip mmWave Sensor composed of a FMCW transceiver, capable of operation in the
76-81 GHz band, radar data processing elements, and peripherals for in-vehicle networking. It is built with TI’s
low power, 45 nm RFCMOS process and enables unprecedented levels of integration in a small form factor and
minimal BOM. AWR294x is an ideal solution for low power, self-monitored, ultra-accurate radar systems in the
automotive space.
TI’s low-power, 45-nm RFCMOS process enables a monolithic implementation of a 3-4 TX, 4 RX system
with integrated PLL, VCO, mixer, and baseband ADC. Integrated in the DSP Subsystem (DSS), is TI's high-
performance C66x DSP for radar signal processing. The device includes a Radio Processor Subsystem (RSS),
which is responsible for radar front-end configuration, control, and calibration. Within the Main Subsystem
(MSS), the device implements a user programmable ARM R5F allowing for custom control and automotive
interface applications. The Hardware Accelerator block (HWA 2.0) supplements the DSS and MSS by offloading
comon radar processing such as FFT, Constant False Alarm rate (CFAR), scaling, and compression. This saves
MIPS on the DSS and MSS, opening up resources for custom applications and higher level algorithms.
A Hardware Security Module (HSM) is also provisioned in the device (available for only Secure Part variants).
The HSM consists of a programmable ARM Cortex M4 core and the necessary infrastructure to provide a secure
zone of operation within the device.
Simple programming model changes can enable a wide variety of sensor implementation (Short, Mid, Long) with
the possibility of dynamic reconfiguration for implementing a multimode sensor.
AWR2944
SWRS273 – NOVEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com