Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB803 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 3Page - Texas Instruments CDCDB803 Datasheet HTML 4Page - Texas Instruments CDCDB803 Datasheet HTML 5Page - Texas Instruments CDCDB803 Datasheet HTML 6Page - Texas Instruments CDCDB803 Datasheet HTML 7Page - Texas Instruments CDCDB803 Datasheet HTML 8Page - Texas Instruments CDCDB803 Datasheet HTML 9Page - Texas Instruments CDCDB803 Datasheet HTML 10Page - Texas Instruments CDCDB803 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6.5 Electrical Characteristics
VDD, VDD_R = 3.3 V ± 5 %, −40 °C ≤ TA ≤ 105 °C. Typical values are at VDD = VDD_R = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
IDD_R
Core supply current
Active mode. CKPWRGD_PD# = 1
9
mA
Power down mode. CKPWRGD_PD# = 0
2.2
IDD
IO supply current
All outputs disabled
18
mA
All outputs active, 100MHz (Per output)
7.8
Power down mode. CKPWRGD_PD# = 0
1.5
CLOCK INPUT
fIN
Input frequency
50
100
250
MHz
VIN
Input voltage swing
Differential voltage between CLKIN_P and
CLKIN_N(1)
200
2300
mVDiff-
peak
dV/dt
Input voltage edge rate
20% - 80% of input swing
0.7
V/ns
DVCROSS
Total variation of VCROSS
Total variation across VCROSS
140
mV
DCIN
Input duty cycle
40
60
%
CIN
Input capacitance(2)
Differential capacitance between CLKIN_P
and CLKIN_N pins
2.2
pF
CLOCK OUTPUT
fOUT
Output frequency
50
100
250
MHz
COUT
Output capacitance(1)
Differential capacitance between CKx_P
and CKx_N pins
4
pF
VOH
Output high voltage
Single-ended(2) (3)
225
270
mV
VOL
Output low voltage
10
150
VHIGH
Output high voltage
Measured into an AC load as defined in
DB800ZL
660
850
VLOW
Output low voltage
Measured into an AC load as defined in
DB800ZL
–150
150
VMAX
Output Max voltage
Measured into an AC load as defined in
DB800ZL
1150
VCROSS
Crossing point voltage
(3) (4)
130
200
VCROSSAC
Crossing point voltage (AC load)
Measured into an AC load as defined in
DB800ZL
250
550
DVCROSS
Total variation of VCROSS
Variation of VCROSS (3) (4)
35
140
Vovs
Overshoot voltage
(3)
VOH+75
Vovs(AC)
Overshoot voltage (AC load)
Measured into an AC load as defined in
DB800ZL
VHIGH+30
0
Vuds
Undershoot voltage
(3)
VOL–75
Vuds(AC)
Undershoot voltage
Measured into an AC load as defined in
DB800ZL
VLOW–
300
mV
Vrb
Ringback Voltage
Measured into an AC load as defined in
DB800ZL and taken from Single Ended
waveform (relative to VHIGH and VLOW)
-0.2
0.2
V
ZDIFF
Differential impedance (Default
setting, 85 Ω)
Measured at VOL/VOH
81
85
89
Ω
Differential impedance (Output
impedance selection bit =1, 100 Ω)
Measured at VOL/VOH
95
100
105
ZDIFF_CROS
S
Differential impedance (Default
setting, 85 Ω)
Measured at VCROSS
68
85
102
Differential impedance (Output
impedance selection bit = 1, 100 Ω)
Measured at VCROSS
80
100
120
www.ti.com
CDCDB803
SNAS820 – AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com