Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB803 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 16Page - Texas Instruments CDCDB803 Datasheet HTML 17Page - Texas Instruments CDCDB803 Datasheet HTML 18Page - Texas Instruments CDCDB803 Datasheet HTML 19Page - Texas Instruments CDCDB803 Datasheet HTML 20Page - Texas Instruments CDCDB803 Datasheet HTML 21Page - Texas Instruments CDCDB803 Datasheet HTML 22Page - Texas Instruments CDCDB803 Datasheet HTML 23Page - Texas Instruments CDCDB803 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The CDCDB803 is a fanout buffer that supports PCIe generation 4 and PCIe generation 5 REFCLK distribution.
It is used to distribute up to eight copies of a typically 100-MHz clock.
9.2 Typical Application
Figure 9-1 shows a CDCDB803 typical application. In this application, a clock generator provides a 100-MHz
reference to the CDCDB803 which then distributes that clock to PCIe endpoints. The clock generator may be a
discrete clock generator like the LMK03328 or it may be integrated in a larger component such as a Platform
Controller Hub (PCH) or application processor.
PCIe Gen 4-5
Clock
Generator
CDCDB803
8x LP-HSCL Output Buffer
SMBus
Control
OE#
Control
LP-HCSL
PCIe PHY
PCIe PHY
PCIe PHY
PCIe PHY
LP-HCSL
8
PCIe PHY
PCIe PHY
PCIe Device
Control Interface
Figure 9-1. Typical Application
9.2.1 Design Requirements
Consider a typical server motherboard application which must distribute a 100-MHz PCIe reference clock from
the PCH of a processor chipset to multiple endpoints. An example of clock input and output requirements is:
• Clock Input:
– 100-MHz LP-HCSL
• Clock Output:
– 2x 100-MHz to processors, LP-HCSL
– 3x 100-MHz to riser/retimer, LP-HCSL
– 3x 100-MHz to DDR memory controller, LP-HCSL
CDCDB803
SNAS820 – AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com