Electronic Components Datasheet Search
  English  ▼

X  

CDCDB803 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB803
Description  CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB803 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCDB803 Datasheet HTML 19Page - Texas Instruments CDCDB803 Datasheet HTML 20Page - Texas Instruments CDCDB803 Datasheet HTML 21Page - Texas Instruments CDCDB803 Datasheet HTML 22Page - Texas Instruments CDCDB803 Datasheet HTML 23Page - Texas Instruments CDCDB803 Datasheet HTML 24Page - Texas Instruments CDCDB803 Datasheet HTML 25Page - Texas Instruments CDCDB803 Datasheet HTML 26Page - Texas Instruments CDCDB803 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
11 Layout
11.1 Layout Guidelines
The following section provides the layout guidelines to ensure good thermal performance and power supply
connections for the CDCDB803.
In Layout Examples, the CDCDB803 has 85-Ω differential output impedance LP-HCSL format drivers as per
register default settings. All transmission lines connected to CKx pins should be 85-Ω differential impedance,
42.5-Ω single-ended impedance to avoid reflections and increased radiated emissions. If 100-Ω output
impedance is enabled, the transmission lines connected to CKx pins should be 100-Ω differential impedance,
50-Ω single-ended impedance. Take care to eliminate or reduce stubs on the transmission lines.
11.2 Layout Examples
Figure 11-1 through Figure 11-3 are printed circuit board (PCB) layout examples that show the application of
thermal design practices and a low-inductance ground connection between the device DAP and the PCB.
Figure 11-1. PCB Layout Example for CDCDB803, Top layer
www.ti.com
CDCDB803
SNAS820 – AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CDCDB803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com